Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKZ2.4AKU Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. RKZ2.4AKU
Description  Silicon Planar Zener Diode for Stabilized Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ2.4AKU Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKZ2.4AKU Datasheet HTML 1Page - Renesas Technology Corp RKZ2.4AKU Datasheet HTML 2Page - Renesas Technology Corp RKZ2.4AKU Datasheet HTML 3Page - Renesas Technology Corp RKZ2.4AKU Datasheet HTML 4Page - Renesas Technology Corp RKZ2.4AKU Datasheet HTML 5Page - Renesas Technology Corp RKZ2.4AKU Datasheet HTML 6Page - Renesas Technology Corp RKZ2.4AKU Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RKZ-KU Series
Preliminary
REJ03G1771-0100 Rev.1.00 Jul 13, 2009
Page 2 of 6
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
ESD-Capability
VZ (V) *
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
(kV) *
2
Part No.
Min
Max
IZ (mA)
Max
VR (V)
Max
IZT(mA)
Min
RKZ2.4AKU
2.33
2.52
RKZ2.4BKU
2.43
2.63
20
120
1
100
20
30
RKZ2.7AKU
2.54
2.75
RKZ2.7BKU
2.69
2.91
20
120
1
110
20
30
RKZ3.0AKU
2.85
3.07
RKZ3.0BKU
3.01
3.22
20
50
1
120
20
30
RKZ3.3AKU
3.16
3.38
RKZ3.3BKU
3.32
3.53
20
20
1
130
20
30
RKZ3.6AKU
3.45
3.69
RKZ3.6BKU
3.60
3.84
20
10
1
130
20
30
RKZ3.9AKU
3.74
4.01
RKZ3.9BKU
3.89
4.16
20
10
1
130
20
30
RKZ4.3AKU
4.04
4.29
RKZ4.3BKU
4.17
4.43
RKZ4.3CKU
4.30
4.57
20
10
1
130
20
30
RKZ4.7AKU
4.44
4.68
RKZ4.7BKU
4.55
4.80
RKZ4.7CKU
4.68
4.93
20
10
1
130
20
30
RKZ5.1AKU
4.81
5.07
RKZ5.1BKU
4.94
5.20
RKZ5.1CKU
5.09
5.37
20
7.5
2
130
20
30
RKZ5.6AKU
5.28
5.55
RKZ5.6BKU
5.45
5.73
RKZ5.6CKU
5.61
5.91
20
7.5
2
80
20
30
RKZ6.2AKU
5.78
6.09
RKZ6.2BKU
5.96
6.27
RKZ6.2CKU
6.12
6.44
20
7.5
3
50
20
30
RKZ6.8AKU
6.29
6.63
RKZ6.8BKU
6.49
6.83
RKZ6.8CKU
6.66
7.01
20
7.5
4
30
20
30
RKZ7.5AKU
6.85
7.22
RKZ7.5BKU
7.07
7.45
RKZ7.5CKU
7.29
7.67
20
7.5
4
30
20
30
RKZ8.2AKU
7.53
7.92
7.15
RKZ8.2BKU
7.78
8.19
7.39
RKZ8.2CKU
8.03
8.45
20
7.5
7.63
30
20
30
RKZ9.1AKU
8.29
8.73
7.88
RKZ9.1BKU
8.57
9.01
8.14
RKZ9.1CKU
8.83
9.30
20
7.5
8.39
30
20
30
RKZ10AKU
9.12
9.59
8.66
RKZ10BKU
9.41
9.90
8.94
RKZ10CKU
9.70
10.20
9.22
RKZ10DKU
9.94
10.44
20
7.5
9.44
30
20
30
Notes: 1. Tested with pulse (PW = 40 ms)
2. C =150 pF, R = 330
Ω, Both forward and reverse direction 10 pulse
Failure criterion ; According to IR spec


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn