Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74HV1G34 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RD74HV1G34
Description  High-Voltage Buffer gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74HV1G34 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RD74HV1G34_09 Datasheet HTML 1Page - Renesas Technology Corp RD74HV1G34_09 Datasheet HTML 2Page - Renesas Technology Corp RD74HV1G34_09 Datasheet HTML 3Page - Renesas Technology Corp RD74HV1G34_09 Datasheet HTML 4Page - Renesas Technology Corp RD74HV1G34_09 Datasheet HTML 5Page - Renesas Technology Corp RD74HV1G34_09 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RD74HV1G34
REJ03D0890-0200 Rev.2.00 Jul 27, 2009
Page 4 of 5
Switching Characteristics
(CL = 50 pF, tr = tf = 5 ns)
Ta = –40 to 85°C
Item
Symbol
Vcc (V)
Min
Typ
Max
Unit
FROM
(Input)
TO
(Output)
10
15
70
15
10
50
20
10
40
25
10
35
Propagation delay time
tPLH
tPHL
30
9
35
ns
IN
OUT
10
8
30
15
7
25
20
6
20
25
5
17
Output rise / fall time
tTLH
tTHL
30
5
15
ns
IN
OUT
Test Circuit
out
Z
= 50
CL = 50 pF
RL = 10 MΩ
Input
Output
VCC
Note: CL includes probe and jig capacitance.
Pulse
Generator
Waveform
Input
Output
90 %
50 %
10 %
50 %
tPLH
tPHL
5 V
0 V
VOH
VOL
90 %
50 %
10 %
50 %
tr
tf
Note: Input waveform : PRR = 1 MHz, duty cycle 50 %, tr
≤ 5 ns, tf ≤ 5 ns
tTLH
tTHL
90 %
10 %
90 %
10 %


Similar Part No. - RD74HV1G34_09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74HV1G34 RENESAS-RD74HV1G34_15 Datasheet
149Kb / 8P
   High-Voltage Buffer gate
More results

Similar Description - RD74HV1G34_09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74HV1G34 RENESAS-RD74HV1G34_15 Datasheet
149Kb / 8P
   High-Voltage Buffer gate
RD74HV1G34 RENESAS-RD74HV1G34 Datasheet
133Kb / 6P
   High-Voltage Buffer gate
logo
IK Semicon Co., Ltd
IW4503B IKSEMICON-IW4503B Datasheet
201Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4503B KODENSHI-KK4503B Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4049B IKSEMICON-IW4049B Datasheet
154Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4050B KODENSHI-KK4050B Datasheet
218Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4050B INTEGRAL-IW4050B Datasheet
112Kb / 4P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4049B KODENSHI-KK4049B Datasheet
222Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4050B IKSEMICON-IW4050B Datasheet
151Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4049UB INTEGRAL-IW4049UB Datasheet
149Kb / 4P
   HEX BUFFER/CONVERTER High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com