Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2634IUD-LZ10PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2634IUD-LZ10PBF
Description  Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2634IUD-LZ10PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2634IUD-LZ10PBF Datasheet HTML 1Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 2Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 3Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 4Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 5Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 6Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 7Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 8Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2634
4
2634f
PRODUCT SELECTION GUIDE
PART NUMBER
PART MARKING*
VFS WITH INTERNAL
REFERENCE
POWER-ON
RESET TO CODE
POWER-ON
REFERENCE
MODE
RESOLUTION
VCC
MAXIMUM INL
QFN
MSOP
LTC2634-LMI12
LTC2634-LMI10
LTC2634-LMI8
LDQX
LDRF
LDRN
LTDRV
LTDSC
LTDSK
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2634-LMX12
LTC2634-LMX10
LTC2634-LMX8
LDQW
LDRD
LDRM
LTDRT
LTDSB
LTDSJ
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
External
External
External
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2634-LZ12
LTC2634-LZ10
LTC2634-LZ8
LDQV
LDRC
LDRK
LTDRS
LTDRZ
LTDSH
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Zero-Scale
Zero-Scale
Zero-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2634-HMI12
LTC2634-HMI10
LTC2634-HMI8
LDRB
LDRJ
LDRR
LTDRY
LTDSG
LTDSP
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
4.5V to 5.5V
4.5V to 5.5V
4.5V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2634-HMX12
LTC2634-HMX10
LTC2634-HMX8
LDQZ
LDRH
LDRQ
LTDRX
LTDSF
LTDSN
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
External
External
External
12-Bit
10-Bit
8-Bit
4.5V to 5.5V
4.5V to 5.5V
4.5V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2634-HZ12
LTC2634-HZ10
LTC2634-HZ8
LDQY
LDRG
LDRP
LTDRW
LTDSD
LTDSM
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Zero-Scale
Zero-Scale
Zero-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
4.5V to 5.5V
4.5V to 5.5V
4.5V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
*Above options are available in a 16-lead QFN package (LTC2634-UD) or 10-lead MSOP package (LTC2634-MSE).


Similar Part No. - LTC2634IUD-LZ10PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634IUD-LZ10 LINER-LTC2634IUD-LZ10 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634IUD-LZ10TRPBF LINER-LTC2634IUD-LZ10TRPBF Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results

Similar Description - LTC2634IUD-LZ10PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com