Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2634IUD-LZ10PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2634IUD-LZ10PBF
Description  Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2634IUD-LZ10PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2634IUD-LZ10PBF Datasheet HTML 1Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 2Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 3Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 4Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 5Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 6Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 7Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 8Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2634
3
2634f
ORDER INFORMATION
LTC2634 C
UD
-L
Z
12
#TR
PBF
LEAD FREE DESIGNATOR
PBF = Lead Free
TAPE AND REEL
TR = 2,500-Piece Tape and Reel
RESOLUTION
12 = 12-Bit
10 = 10-Bit
8 = 8-Bit
POWER-ON RESET
MI = Reset to Mid-Scale in Internal Reference Mode
MX = Reset to Mid-Scale in External Reference Mode
Z = Reset to Zero-Scale in Internal Reference Mode
FULL-SCALE VOLTAGE, INTERNAL REFERENCE MODE
L = 2.5V
H = 4.096V
PACKAGE TYPE
UD = 16-Lead QFN
MSE = 10-Lead MSOP
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
H = Automotive Temperature Range (–40°C to 125°C)
PRODUCT PART NUMBER
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2634IUD-LZ10PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634IUD-LZ10 LINER-LTC2634IUD-LZ10 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634IUD-LZ10TRPBF LINER-LTC2634IUD-LZ10TRPBF Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results

Similar Description - LTC2634IUD-LZ10PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com