Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC1805L Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC1805L
Description  Low-Power BiCMOS Current-Mode PWM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1805L Datasheet(HTML) 4 Page - Texas Instruments

  UCC1805L Datasheet HTML 1Page - Texas Instruments UCC1805L Datasheet HTML 2Page - Texas Instruments UCC1805L Datasheet HTML 3Page - Texas Instruments UCC1805L Datasheet HTML 4Page - Texas Instruments UCC1805L Datasheet HTML 5Page - Texas Instruments UCC1805L Datasheet HTML 6Page - Texas Instruments UCC1805L Datasheet HTML 7Page - Texas Instruments UCC1805L Datasheet HTML 8Page - Texas Instruments UCC1805L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
UCC1800/1/2/3/4/5
UCC2800/1/2/3/4/5
UCC3800/1/2/3/4/5
ELECTRICAL CHARACTERISTICSUnless otherwise stated, these specifications apply for –55°C ≤ TA ≤ +125°C for
UCC180x; –40°C
≤ TA ≤ +85°C for UCC280x; 0°C ≤ TA ≤ +70°C for UCC380x; VCC=10V (Note 3); RT=100k from REF to RC;
CT=330pF from RC to GND; 0.1 F capacitor from VCC to GND; 0.1 F capacitor from VREF to GND. TA=TJ.
PARAMETER
TEST CONDITIONS
UCC180X
UCC280X
UCC380X
UNITS
Output Section
OUT Low Level
I=20mA, all parts
0.1
0.4
0.1
0.4
V
I=200mA, all parts
0.35
0.90
0.35
0.90
V
I=50mA, VCC=5V, UCCx803/5
0.15
0.40
0.15
0.40
V
I=20mA, VCC=0V, all parts
0.7
1.2
0.7
1.2
V
OUT High VSAT
(VCC-OUT)
I=–20mA, all parts
0.15
0.40
0.15
0.40
V
I=–200mA, all parts
1.0
1.9
1.0
1.9
V
I=–50mA,VCC=5V, UCCx803/5
0.4
0.9
0.4
0.9
V
Rise Time
CL=1nF
41
70
41
70
ns
Fall Time
CL=1nF
44
75
44
75
ns
Undervoltage Lockout Section
Start Threshold (Note 8)
UCCx800
6.6
7.2
7.8
6.6
7.2
7.8
V
UCCx801
8.6
9.4
10.2
8.6
9.4
10.2
V
UCCx802/4
11.5
12.5
13.5
11.5
12.5
13.5
V
UCCx803/5
3.7
4.1
4.5
3.7
4.1
4.5
V
Stop Threshold (Note 8)
UCCx1800
6.3
6.9
7.5
6.3
6.9
7.5
V
UCCx1801
6.8
7.4
8.0
6.8
7.4
8.0
V
UCCx802/4
7.6
8.3
9.0
7.6
8.3
9.0
V
UCCx803/5
3.2
3.6
4.0
3.2
3.6
4.0
V
Undervoltage Lockout Section (cont.)
Start to Stop Hysteresis
UCCx800
0.12
0.3
0.48
0.12
0.3
0.48
V
UCCx801
1.6
2
2.4
1.6
2
2.4
V
UCCx802/4
3.5
4.2
5.1
3.5
4.2
5.1
V
UCCx803/5
0.2
0.5
0.8
0.2
0.5
0.8
V
Soft Start Section
COMP Rise Time
FB=1.8V, Rise from 0.5V to REF–1V
4
10
4
10
ms
Overall Section
Start-up Current
VCC < Start Threshold
0.1
0.2
0.1
0.2
mA
Operating Supply Current
FB=0V, CS=0V
0.5
1.0
0.5
1.0
mA
VCC Internal Zener Voltage
ICC=10mA (Note 8), (Note 10)
12
13.5
15
12
13.5
15
V
VCC Internal Zener Voltage Minus
Start Threshold Voltage
UCCx802/4 (Note 8)
0.5
1.0
0.5
1.0
V
Note 3: Adjust VCC above the start threshold before setting at 10V.
Note 4: Oscillator frequency for the UCCx800, UCCx802 and UCCx803 is the output frequency.
Oscillator frequency for the UCCx801, UCCx804 and UCCx805 is twice the output frequency.
Note 5: Gain is defined by:
A
V
V
VV
COMP
CS
CS
=≤
00 8
. .
Note 6: Parameter measured at trip point of latch with Pin 2 at 0V.
Note 7: Total Variation includes temperature stability and load regulation.
Note 8: Start Threshold, Stop Threshold and Zener Shunt Thresholds track one another.
Note 9: Guaranteed by design. Not 100% tested in production.
Note 10: The device is fully operating in clamp mode as the forcing current is higher than the normal operating supply current.


Similar Part No. - UCC1805L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1805 TI-UCC1805 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC1805 TI1-UCC1805 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC1805 TI1-UCC1805 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC1805J TI1-UCC1805J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC1805J TI-UCC1805J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC1805L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC2800-EP TI-UCC2800-EP Datasheet
337Kb / 12P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800-EP TI-UCC2800-EP_08 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   LOW -POWER BICMOS CURRENT-MODE PWM
UCC2803NG4 TI1-UCC2803NG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com