Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2634IMSE-LMI12PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2634IMSE-LMI12PBF
Description  Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2634IMSE-LMI12PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2634IMSE-LMI12PBF Datasheet HTML 1Page - Linear Technology LTC2634IMSE-LMI12PBF Datasheet HTML 2Page - Linear Technology LTC2634IMSE-LMI12PBF Datasheet HTML 3Page - Linear Technology LTC2634IMSE-LMI12PBF Datasheet HTML 4Page - Linear Technology LTC2634IMSE-LMI12PBF Datasheet HTML 5Page - Linear Technology LTC2634IMSE-LMI12PBF Datasheet HTML 6Page - Linear Technology LTC2634IMSE-LMI12PBF Datasheet HTML 7Page - Linear Technology LTC2634IMSE-LMI12PBF Datasheet HTML 8Page - Linear Technology LTC2634IMSE-LMI12PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC2634
5
2634f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2634-LMI12/-LMI10/-LMI8/-LMX12/-LMX10/-LMX8/-LZ12/-LZ10/-LZ8 (VFS = 2.5V)
LTC2634-8
LTC2634-10
LTC2634-12
SYMBOL PARAMETER
CONDITIONS
MIN
TYP MAX MIN
TYP MAX MIN
TYP
MAX
UNITS
DC Performance
Resolution
l
8
10
12
Bits
Monotonicity
VCC = 3V, Internal Ref. (Note 4)
l
8
10
12
Bits
DNL
Differential Nonlinearity
VCC = 3V, Internal Ref. (Note 4)
l
±0.5
±0.5
±1
LSB
INL
Integral Nonlinearity
VCC = 3V, Internal Ref. (Note 4)
l
±0.05 ±0.5
±0.2
±1
±1
±2.5
LSB
ZSE
Zero-Scale Error
VCC = 3V, Internal Ref., Code = 0
l
0.5
5
0.5
5
0.5
5
mV
VOS
Offset Error
VCC = 3V, Internal Ref. (Note 5)
l
±0.5
±5
±0.5
±5
±0.5
±5
mV
VOSTC
VOS Temperature
Coefficient
VCC = 3V, Internal Ref.
±10
±10
±10
μV/°C
GE
Gain Error
VCC = 3V, Internal Ref.
l
±0.2 ±0.8
±0.2 ±0.8
±0.2
±0.8
%FSR
GETC
Gain Temperature
Coefficient
VCC = 3V, Internal Ref. (Note 10)
C-Grade
I-Grade
H-Grade
10
10
10
10
10
10
10
10
10
ppm/°C
ppm/°C
ppm/°C
Load Regulation
Internal Ref., Mid-Scale
VCC = 3V ±10%, –5mA ≤ IOUT ≤ 5mA
l
0.009 0.016
0.035 0.064
0.14 0.256 LSB/mA
Internal Ref., Mid-Scale
VCC = 5V ±10%, –10mA ≤ IOUT ≤ 10mA
l
0.009 0.016
0.035 0.064
0.14 0.256 LSB/mA
ROUT
DC Output Impedance
Internal Ref., Mid-Scale
VCC = 3V ±10%, –5mA ≤ IOUT ≤ 5mA
l
0.09 0.156
0.09 0.156
0.09 0.156
Ω
Internal Ref., Mid-Scale
VCC = 5V ±10%, –10mA ≤ IOUT ≤ 10mA
l
0.09 0.156
0.09 0.156
0.09 0.156
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
DAC Output Span
External Reference
Internal Reference
0 to VREF
0 to 2.5
V
V
PSR
Power Supply Rejection
VCC = 3V ±10% or 5V ±10%
–80
dB
ISC
Short-Circuit Output Current (Note 6)
Sinking
Sourcing
VFS = VCC = 5.5V
Zero-Scale; VOUT Shorted to VCC
Full-Scale; VOUT Shorted to GND
l
l
27
–27
48
–48
mA
mA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.7
5.5
V
ICC
Supply Current (Note 7)
VCC = 3V, VREF = 2.5V, External Reference
VCC = 3V, Internal Reference
VCC = 5V VREF = 2.5V, External Reference
VCC = 5V, Internal Reference
l
l
l
l
0.5
0.6
0.6
0.7
0.7
0.8
0.8
0.9
mA
mA
mA
mA
ISD
Supply Current in Power-Down Mode (Note 7) VCC = 5V, C-Grade, I-Grade
VCC = 5V, H-Grade
l
l
0.5
0.5
10
15
μA
μA


Similar Part No. - LTC2634IMSE-LMI12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634IMSE-LMI12 LINER-LTC2634IMSE-LMI12 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634IMSE-LMI12TRPBF LINER-LTC2634IMSE-LMI12TRPBF Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results

Similar Description - LTC2634IMSE-LMI12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com