Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9001IV-AAPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTM9001IV-AAPBF
Description  16-Bit IF/Baseband Receiver Subsystem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001IV-AAPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM9001IV-AAPBF Datasheet HTML 6Page - Linear Technology LTM9001IV-AAPBF Datasheet HTML 7Page - Linear Technology LTM9001IV-AAPBF Datasheet HTML 8Page - Linear Technology LTM9001IV-AAPBF Datasheet HTML 9Page - Linear Technology LTM9001IV-AAPBF Datasheet HTML 10Page - Linear Technology LTM9001IV-AAPBF Datasheet HTML 11Page - Linear Technology LTM9001IV-AAPBF Datasheet HTML 12Page - Linear Technology LTM9001IV-AAPBF Datasheet HTML 13Page - Linear Technology LTM9001IV-AAPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTM9001-Ax/LTM9001-Bx
10
9001fb
64k Point 2-Tone FFT, fIN = 161.5MHz,
and 163.5MHz, –15dBFS, PGA = 0,
RAND “Off”, Dither “Off”
TYPICAL PERFORMANCE CHARACTERISTICS
64k Point FFT, fIN = 162.4MHz,
–15dBFS, PGA = 0, RAND “Off”,
Dither “Off”
64k Point FFT, fIN = 162.4MHz,
–15dBFS, PGA = 0, RAND “Off”,
Dither “On”
SFDR vs Input Level, fIN = 162.4MHz,
PGA = 0, RAND “Off”, Dither = “Off”
SFDR vs Input Level, fIN = 162.4MHz,
PGA = 0, RAND “Off”, Dither = “On”
SFDR and SNR vs Sample Rate,
fIN = 162.4MHz, –1dBFS, PGA = 0,
RAND “Off”, Dither “Off”
SFDR vs Input Common Mode Voltage,
fIN = 162.4MHz, –1dBFS, PGA = 0
SFDR vs VCC Supply Voltage,
fIN = 162.4MHz, –1dBFS,
PGA = 0
–80
–60
–40
–20
0
9001 G09
–100
–120
FREQUENCY (MHz)
010
30
40
20
50
60
–80
–60
–40
–20
0
9001 G10
–100
–120
FREQUENCY (MHz)
010
30
40
20
50
60
–80
–60
–40
–20
0
9001 G11
–100
–120
FREQUENCY (MHz)
010
30
40
20
50
60
INPUT LEVEL (dBFS)
–90
60
80
100
120
140
–60
–40
9001 G12
40
20
0
–80 –70
–50
–30 –20 –10
0
SFDR dBc
SFDR dBFS
INPUT COMMON MODE VOLTAGE (V)
0.5
75
80
85
90
2.0
3.0
9001 G15
70
65
60
1.0
1.5
2.5
VCC SUPPLY VOLTAGE (V)
2.8
78.0
78.5
79.0
79.5
80.0
80.5
81.0
3.1
3.5
9001 G16
77.5
77.0
76.5
76.0
75.5
2.9
3.0
3.2
3.3
3.4
INPUT LEVEL (dBFS)
–90
60
80
100
120
140
–60
–40
9001 G13
40
20
0
–80 –70
–50
–30 –20 –10
0
SFDR dBc
SFDR dBFS
ADC SAMPLE RATE (Msps)
0
76
80
84
150
250
9001 G14
72
68
64
50
100
200
SNR
SFDR
(LTM9001-AA)


Similar Part No. - LTM9001IV-AAPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001IV-AAPBF LINER-LTM9001IV-AAPBF Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
More results

Similar Description - LTM9001IV-AAPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com