Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4619EV Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4619EV
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619EV Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4619EV Datasheet HTML 6Page - Linear Technology LTM4619EV Datasheet HTML 7Page - Linear Technology LTM4619EV Datasheet HTML 8Page - Linear Technology LTM4619EV Datasheet HTML 9Page - Linear Technology LTM4619EV Datasheet HTML 10Page - Linear Technology LTM4619EV Datasheet HTML 11Page - Linear Technology LTM4619EV Datasheet HTML 12Page - Linear Technology LTM4619EV Datasheet HTML 13Page - Linear Technology LTM4619EV Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTM4619
10
4619f
Mode Selections and Phase-Locked Loop
The LTM4619 can be enabled to enter high efficiency
Burst Mode operation, constant-frequency pulse-skipping
mode, or forced continuous conduction mode. To select
the forced continuous operation, tie the MODE/PLLIN pin
to a DC voltage below 0.8V. To select pulse-skipping mode
of operation, tie the MODE/PLLIN pin to INTVCC. To select
Burst Mode operation, float the MODE/PLLIN pin.
Frequency Synchronization
A phase-lock loop is available on the LTM4619 to synchro-
nize the internal clock to an external clock source connected
on the MODE/PLLIN pin. The clock high level needs to be
higher than 1.6V and the clock low level needs to be lower
than 1V. The frequency programming voltage and or the
programming voltage divider must be removed from the
FREQ/PLLFLTR pin when synchronizing to an external
clock. The FREQ/PLLFLTR pin has the required onboard
PLL filter components for clock synchronization. The LTM
will default to forced continuous mode while being clock
synchronized. Channel 1 is synchronized to the rising
edge on the external clock, and channel 2 is 180 degrees
out-of-phase with the external clock.
APPLICATIONS INFORMATION
Frequency Selection
The switching frequency of the LTM4619’s controllers can
be selected using the FREQ/PLLFLTR pin. If the MODE/
PLLIN pin is not being driven by an external clock source,
the FREQ/PLLFLTR pin can be set from 0V to 2.4V to pro-
gram the controller’s operating frequency from 250kHz to
780kHz using a voltage divider to INTVCC (see Figure 19).
The typical frequency is 780kHz. If the output is too low
or the minimum on-time is reached, the frequency needs
to decrease to enlarge the turn-on time. Otherwise, a
significant amount of cycle skipping can occur with cor-
respondingly larger current and voltage ripple.
Refer to the figure of Output Voltage vs Minimum On-Time
to choose a proper frequency.
Figure 2. Switching Frequency vs FREQ/PLLFLTR Pin Voltage
FREQ PIN VOLTAGE (V)
0
0.5
1
1.5
2
4619 F02
2.5
0
100
300
400
500
900
800
700
200
600


Similar Part No. - LTM4619EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4619 LINER-LTM4619 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4619 LINEAR_DIMENSIONS-LTM4619 Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
   Dual, 26VIN, 4A DC/DC Module Regulator
More results

Similar Description - LTM4619EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
   Dual, 26VIN, 4A DC/DC Module Regulator
LTM4614 LINER-LTM4614 Datasheet
352Kb / 20P
   Dual 4A per Channel Low VIN DC/DC 關Module Regulator
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
   20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
LTM4642 LINER-LTM4642 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM8027 LINER-LTM8027 Datasheet
251Kb / 20P
   60V, 4A DC/DC Module Regulator
LTM8027 LINER-LTM8027_15 Datasheet
470Kb / 22P
   60V, 4A DC/DC Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com