Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4160-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4160-1
Description  Switching Power Manager with USB On-The-Go And Overvoltage Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4160-1 Datasheet HTML 5Page - Linear Technology LTC4160-1 Datasheet HTML 6Page - Linear Technology LTC4160-1 Datasheet HTML 7Page - Linear Technology LTC4160-1 Datasheet HTML 8Page - Linear Technology LTC4160-1 Datasheet HTML 9Page - Linear Technology LTC4160-1 Datasheet HTML 10Page - Linear Technology LTC4160-1 Datasheet HTML 11Page - Linear Technology LTC4160-1 Datasheet HTML 12Page - Linear Technology LTC4160-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC4160/LTC4160-1
9
41601f
TYPICAL PERFORMANCE CHARACTERISTICS
OVP Connect Waveform
OVP Disconnect Waveform
Rising OVP Threshold vs
Temperature
OVGATE vs OVSENS
OVSENS Quiescent Current vs
Temperature
VBUSGD, CHRG, FAULT Pin
Current vs Voltage (Pull-Down
State)
3.3V LDO Output Voltage vs
Load Current, VBUS = 0V
3.3V LDO Step Response
(5mA to 15mA)
Oscillator Frequency vs
Temperature
TA = 25°C, unless otherwise noted.
LOAD CURRENT (mA)
0
3.0
3.2
20
41601 G34
2.8
2.6
5
10
15
25
3.4
BAT = 3.9V, 4.2V
BAT = 3.6V
BAT = 3V
BAT = 3.5V
BAT = 3.4V
BAT = 3.1V
BAT = 3.2V
BAT = 3.3V
ILDO3V3
5mA/DIV
0mA
20μs/DIV
BAT = 3.8V
41601 G35
VLDO3V3
20mV/DIV
AC COUPLED
TEMPERATURE (°C)
–40
2.20
2.25
2.30
60
41601 G36
2.15
2.10
2.05
–15
10
35
85
VOUT = 5V
VOUT = 4.2V
VOUT = 3.6V
VOUT = 3V
VOUT = 2.7V
TEMPERATURE (°C)
–40
6.45
6.46
6.47
60
41601 G39
6.44
6.43
6.42
–15
10
35
85
INPUT VOLTAGE (V)
0
0
2
4
6
8
10
12
24
6
8
41601 G40
OVSENS CONNECTED
TO INPUT THROUGH
6.2k RESISTOR
TEMPERATURE (°C)
–40
39
42
48
45
60
41601 G41
36
33
30
–15
10
35
85
VOVSENS = 5V
VBUSGD, CHRG, FAULT PIN VOLTAGE (V)
0
60
80
120
100
4
41601 G42
40
20
0
1
2
3
5
VBUS = 5V
BAT = 3.8V
VBUSGD
FAULT, CHRG
VBUS
5V/DIV
OVGATE
5V/DIV
500μs/DIV
41601 G38
OVP INPUT
VOLTAGE
5V TO 10V
STEP 5V/DIV
OVGATE
250μs/DIV
41601 G37
0V
2V/DIV
VBUS


Similar Part No. - LTC4160-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4160-1 LINER-LTC4160-1 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
More results

Similar Description - LTC4160-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4160 LINER-LTC4160_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC3576-1 LINER-LTC3576-1_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576 LINER-LTC3576_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576 LINER-LTC3576 Datasheet
582Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4098EUFD-3.6 LINER-LTC4098EUFD-3.6 Datasheet
338Kb / 5P
   USB Compatible Switching Power Manager/Li-Ion Charger with Overvoltage Protection
LTC4099 LINER-LTC4099_15 Datasheet
546Kb / 36P
   I2C Controlled USB Power Manager/Charger with Overvoltage Protection
LTC3576EUFE-1 LINER-LTC3576EUFE-1 Datasheet
1Mb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
LTC3576EUFE LINER-LTC3576EUFE Datasheet
443Kb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com