Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2895N Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2895N
Description  BiCMOS Advanced Phase Shift PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2895N Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC2895N Datasheet HTML 6Page - Texas Instruments UCC2895N Datasheet HTML 7Page - Texas Instruments UCC2895N Datasheet HTML 8Page - Texas Instruments UCC2895N Datasheet HTML 9Page - Texas Instruments UCC2895N Datasheet HTML 10Page - Texas Instruments UCC2895N Datasheet HTML 11Page - Texas Instruments UCC2895N Datasheet HTML 12Page - Texas Instruments UCC2895N Datasheet HTML 13Page - Texas Instruments UCC2895N Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
UCC1895
UCC2895
UCC3895
0
200
400
600
800
1000
1200
1400
1600
100
1000
CT (pF)
RT=47K
RT=62k
RT=82k
RT=100k
0.8
0.85
0.9
0.95
1
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
V
REF
DELAYED
CLOCK
SIGNAL
3.5V
DELAB/CD
FROM PAD
2.5V
CLOCK
BUSSED CURRENT
FROM ADS CIRCUIT
CIRCUIT DESCRIPTION (cont.)
UDG-98143
0
20
40
60
80
100
1
100
10000
1000000
FREQUENCY (Hz)
0
40
80
120
160
200
GAIN (dB)
PHASE MARGIN (°C)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
1020
3040
RDEL (k
W)
Vcs=0V
Vcs=2V
TYPICAL CHARACTERISTIC


Similar Part No. - UCC2895N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895N TI-UCC2895N Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895N TI1-UCC2895N Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC2895NG4 TI-UCC2895NG4 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895NG4 TI1-UCC2895NG4 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
More results

Similar Description - UCC2895N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com