Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC1972 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC1972
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1972 Datasheet(HTML) 3 Page - Texas Instruments

  UCC1972 Datasheet HTML 1Page - Texas Instruments UCC1972 Datasheet HTML 2Page - Texas Instruments UCC1972 Datasheet HTML 3Page - Texas Instruments UCC1972 Datasheet HTML 4Page - Texas Instruments UCC1972 Datasheet HTML 5Page - Texas Instruments UCC1972 Datasheet HTML 6Page - Texas Instruments UCC1972 Datasheet HTML 7Page - Texas Instruments UCC1972 Datasheet HTML 8Page - Texas Instruments UCC1972 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
UCC1972/3
UCC2972/3
UCC3972/3
ELECTRICAL CHARACTERISTICS: Unless otherwise specified these specifications hold for TA=0°C to +70°C for the
UC3972/3, –40°C to +85°C for the UC2972/3, and –55°C to +125°C for the UC1972/3; TA=TJ; VDD=VBAT=VBUCK=12V;
MODE=OPEN. For any tests with VBAT>17V, place a 1k resistor from VBAT to VDD.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Section
Minimum Frequency
BUCK = VBAT– 2, VBAT = 12V to 25V,
TA = –40°C to +85°C
52
66
80
kHz
BUCK = VBAT–2, VBAT = 12V to 25V
TA = –55°C to +125°C
44
66
80
kHz
Maximum Synchronizable Frequency
BUCK = VBAT, VBAT = 12V to 25V
TA = –40°C to +85°C
160
220
280
kHz
BUCK = VBAT, VBAT = 12V to 25V
TA = –55°C to +125°C
145
220
280
kHz
Maximum Duty Cycle
FB = 1V, TA < 0°C
84
%
FB = 1V, TA = 0°C to 70°C
92
95
%
Minimum Duty Cycle
FB = 2V
0
%
BUCK Input Bias Current
BUCK = VBAT = 12V
40
90
µA
BUCK = VBAT = 25V
80
110
A
Zero Detect Threshold
Measured at BUCK w/respect to VBAT,
VBAT=12V to 25V, TA < 0°C
–2.4
–1
–0.3
V
Measured at BUCK w/respect to VBAT,
VBAT=12V to 25V, TA = 0°C to 70°C
–2.0
–1
–0.3
V
Error Amplifier
Input Voltage
COMP = 2V, TA = 0
°C to +70°C
1.465
1.5
1.535
V
COMP = 2V
1.455
1.545
V
Line Regulation
–2
2
10
mV
Input Bias Current
–500
–100
nA
Open Loop Gain
COMP = 0.5V to 3.0V
60
80
dB
Output High Voltage
FB = 1V
3.3
3.7
4.1
V
Output Low Voltage
FB = 2V
0.15
0.35
V
Output Source Current
FB = 1V, COMP = 2V
–1.2
–0.4
mA
Output Sink Current
FB = 2V, COMP = 2V
2
4
mA
Output Source Current
FB = 1V, COMP = 2V, MODE = 0.5V
–1
1
µA
Output Sink Current
FB = 2V, COMP = 2V, MODE = 0.5V
–1
1
µA
Unity Gain Bandwidth
TJ = 25C, Note 1
2
MHz
Mode Select
Output Enable Threshold
0.85
1
1.15
V
Open Lamp Detect Enable Threshold
2.75
3
3.25
V
Mode Output Current
MODE = 0.5V
15
20
25
µA
MODE Clamp Voltage
MODE = OPEN
3.3
3.7
4
V
Open Lamp
Open Lamp Detect Threshold
Measured at BUCK with respect to VBAT,
VBAT=12V to 25V
–8
–7
–6
V
Over-voltage Clamp Threshold (UCC3973) Measured at BUCK with respect to VBAT,
VBAT=12V to 25V, IFB = 100
µA
–10.3
–9
–7.7
V
Note 1. Guaranteed by design. Not 100% tested in production.


Similar Part No. - UCC1972

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
More results

Similar Description - UCC1972

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Maxim Integrated Produc...
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3994 MAXIM-DS3994 Datasheet
537Kb / 28P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com