Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK17TA8-RF45I Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # STK17TA8-RF45I
Description  128k X 8 AutoStore nvSRAM with Real Time Clock
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK17TA8-RF45I Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button STK17TA8-RF45I Datasheet HTML 4Page - Cypress Semiconductor STK17TA8-RF45I Datasheet HTML 5Page - Cypress Semiconductor STK17TA8-RF45I Datasheet HTML 6Page - Cypress Semiconductor STK17TA8-RF45I Datasheet HTML 7Page - Cypress Semiconductor STK17TA8-RF45I Datasheet HTML 8Page - Cypress Semiconductor STK17TA8-RF45I Datasheet HTML 9Page - Cypress Semiconductor STK17TA8-RF45I Datasheet HTML 10Page - Cypress Semiconductor STK17TA8-RF45I Datasheet HTML 11Page - Cypress Semiconductor STK17TA8-RF45I Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
STK17TA8
Document #: 001-52039 Rev. **
Page 8 of 23
AutoStore/Power Up Recall
Figure 9. AutoStore/Power Up RECALL
Notes
9. tHRECALL starts from the time VCC rises above VSWITCH
10. If an SRAM WRITE has not taken place since the last nonvolatile cycle, no STORE will take place
11. Industrial Grade Devices require 15 ms MAX.
NO.
Symbols
Parameter
STK17TA8
Units
Notes
Standard
Alternate
Min
Max
22
tHRECALL
Power-up RECALL Duration
40
ms
9
23
tSTORE
tHLHZ
STORE Cycle Duration
12.5
ms
10,11
24
VSWITCH
Low Voltage Trigger Level
2.65
V
25
VCCRISE
VCC Rise Time
150
μS
NOTE: Read and Write cycles will be ignored during STORE, RECALL and while VCC is below VSWITCH
25
23
23
22
22
[+] Feedback


Similar Part No. - STK17TA8-RF45I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK17TA8-RF45I ETC-STK17TA8-RF45I Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
logo
Simtek Corporation
STK17TA8-RF45I SIMTEK-STK17TA8-RF45I Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF45I SIMTEK-STK17TA8-RF45I Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF45ITR SIMTEK-STK17TA8-RF45ITR Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF45ITR SIMTEK-STK17TA8-RF45ITR Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results

Similar Description - STK17TA8-RF45I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
logo
List of Unclassifed Man...
STK17TA8 ETC-STK17TA8 Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com