Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK17T88-RF25 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # STK17T88-RF25
Description  32K x 8 AutoStore nvSRAM with Real Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK17T88-RF25 Datasheet(HTML) 1 Page - Cypress Semiconductor

  STK17T88-RF25 Datasheet HTML 1Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 2Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 3Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 4Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 5Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 6Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 7Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 8Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
STK17T88
32K x 8 AutoStore™ nvSRAM with
Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
• 408-943-2600
Document Number: 001-52040 Rev. *A
Revised March 17, 2009
Features
nvSRAM Combined With Integrated Real-Time Clock
Functions (RTC, Watchdog Timer, Clock Alarm, Power
Monitor)
Capacitor or Battery Backup for RTC
25, 45 ns Read Access and R/W Cycle Time
Unlimited Read/Write Endurance
Automatic Nonvolatile STORE on Power Loss
Nonvolatile STORE Under Hardware or Software Control
Automatic RECALL to SRAM on Power Up
Unlimited RECALL Cycles
200K STORE Cycles
20-Year Nonvolatile Data Retention
Single 3V +20%, -10% Power Supply
Commercial and Industrial Temperatures
48-pin 300-mil SSOP Package (RoHS-Compliant)
Description
The Cypress STK17T88 combines a 256 Kb nonvolatile static
RAM (nvSRAM) with a full-featured real-time clock in a reliable,
monolithic integrated circuit.
The 256 Kb nvSRAM is a fast static RAM with a nonvolatile
Quantum Trap storage element included with each memory cell.
The SRAM provides the fast access and cycle times, ease of use
and unlimited read and write endurance of a normal SRAM. Data
transfers automatically to the nonvolatile storage cells when
power loss is detected (the STORE operation). On power up,
data is automatically restored to the SRAM (the RECALL
operation). Both STORE and RECALL operations are also
available under software control.
The real time clock function provides an accurate clock with leap
year tracking and a programmable, high accuracy oscillator. The
Alarm function is programmable for one-time alarms or periodic
minutes, hours, or days alarms. There is also a programmable
watchdog timer for processor control.
COLUMN DEC
G
E
W
COLUMN I/O
POWER
CONTROL
HSB
STORE/
RECALL
CONTROL
SOFTWARE
DETECT
A13 – A0
STORE
RECALL
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
VCC
VCAP
RTC
MUX
A14 – A0
X1
X2
INT
VRTCbat
VRTCcap
A5
A6
A7
A8
A9
A11
A12
A13
A14
A0 A1 A2 A3 A4 A10
Quantum Trap
512 X 512
STATIC RAM
ARRAY
512 X 512
Logic Block Diagram
[+] Feedback


Similar Part No. - STK17T88-RF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK17T88-RF25 SIMTEK-STK17T88-RF25 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK17T88-RF25 SIMTEK-STK17T88-RF25 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK17T88-RF25I SIMTEK-STK17T88-RF25I Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK17T88-RF25I SIMTEK-STK17T88-RF25I Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK17T88-RF25ITR SIMTEK-STK17T88-RF25ITR Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
More results

Similar Description - STK17T88-RF25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com