Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK16C88-3WF35 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # STK16C88-3WF35
Description  256 Kbit (32K x 8) AutoStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK16C88-3WF35 Datasheet(HTML) 1 Page - Cypress Semiconductor

  STK16C88-3WF35 Datasheet HTML 1Page - Cypress Semiconductor STK16C88-3WF35 Datasheet HTML 2Page - Cypress Semiconductor STK16C88-3WF35 Datasheet HTML 3Page - Cypress Semiconductor STK16C88-3WF35 Datasheet HTML 4Page - Cypress Semiconductor STK16C88-3WF35 Datasheet HTML 5Page - Cypress Semiconductor STK16C88-3WF35 Datasheet HTML 6Page - Cypress Semiconductor STK16C88-3WF35 Datasheet HTML 7Page - Cypress Semiconductor STK16C88-3WF35 Datasheet HTML 8Page - Cypress Semiconductor STK16C88-3WF35 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
STK16C88-3
256 Kbit (32K x 8) AutoStore+ nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-50594 Rev. **
Revised January 29, 2009
Features
Fast 35ns Read access and R/W cycle time
Directly replaces battery-backed SRAM modules such as
Dallas/Maxim DS1230W
Automatic nonvolatile STORE on power loss
Nonvolatile STORE under Software control
Automatic RECALL to SRAM on power up
Unlimited Read/Write endurance
1,000,000 STORE cycles
100 year data retention
Single 3.3V+0.3V power supply
Commercial and Industrial Temperatures
28-pin (600 mil) PDIP package
RoHS compliance
Functional Description
The Cypress STK16C88-3 is a 256Kb fast static RAM with a
nonvolatile element in each memory cell. The embedded
nonvolatile elements incorporate QuantumTraptechnology
producing the world’s most reliable nonvolatile memory. The
SRAM provides unlimited read and write cycles, while
independent, nonvolatile data resides in the highly reliable
QuantumTrap cell. Data transfers from the SRAM to the
nonvolatile elements (the STORE operation) takes place
automatically at power down. On power up, data is restored to
the SRAM (the RECALL operation) from the nonvolatile
memory. Both the STORE and RECALL operations are also
available under software control.
Logic Block Diagram
[+] Feedback


Similar Part No. - STK16C88-3WF35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88-3WF35 ETC1-STK16C88-3WF35 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C88-3WF35 SIMTEK-STK16C88-3WF35 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88-3WF35 SIMTEK-STK16C88-3WF35 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK16C88-3WF35I ETC1-STK16C88-3WF35I Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C88-3WF35I SIMTEK-STK16C88-3WF35I Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK16C88-3WF35

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3_11 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com