Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C88-SF25I Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # STK11C88-SF25I
Description  256 Kbit (32K x 8) SoftStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C88-SF25I Datasheet(HTML) 1 Page - Cypress Semiconductor

  STK11C88-SF25I Datasheet HTML 1Page - Cypress Semiconductor STK11C88-SF25I Datasheet HTML 2Page - Cypress Semiconductor STK11C88-SF25I Datasheet HTML 3Page - Cypress Semiconductor STK11C88-SF25I Datasheet HTML 4Page - Cypress Semiconductor STK11C88-SF25I Datasheet HTML 5Page - Cypress Semiconductor STK11C88-SF25I Datasheet HTML 6Page - Cypress Semiconductor STK11C88-SF25I Datasheet HTML 7Page - Cypress Semiconductor STK11C88-SF25I Datasheet HTML 8Page - Cypress Semiconductor STK11C88-SF25I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
STK11C88
256 Kbit (32K x 8) SoftStore nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-50591 Rev. **
Revised January 29, 2009
Features
25 ns and 45 ns access times
Pin compatible with industry standard SRAMs
Software initiated STORE and RECALL
Automatic RECALL to SRAM on power up
Unlimited Read and Write endurance
Unlimited RECALL cycles
1,000,000 STORE cycles
100 year data retention
Single 5V+10% power supply
Commercial and Industrial Temperatures
28-pin (300 mil and 330 mil) SOIC packages
RoHS compliance
Functional Description
The Cypress STK11C88 is a 256 Kb fast static RAM with a
nonvolatile element in each memory cell. The embedded
nonvolatile elements incorporate QuantumTraptechnology
producing the world’s most reliable nonvolatile memory. The
SRAM provides unlimited read and write cycles, while
independent, nonvolatile data resides in the highly reliable
QuantumTrap cell. Data transfers under Software control from
SRAM to the nonvolatile elements (the STORE operation). On
power up, data is automatically restored to the SRAM (the
RECALL operation) from the nonvolatile memory. RECALL
operations are also available under software control.
Logic Block Diagram
[+] Feedback


Similar Part No. - STK11C88-SF25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C88-SF25I SIMTEK-STK11C88-SF25I Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-SF25I SIMTEK-STK11C88-SF25I Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK11C88-SF25ITR SIMTEK-STK11C88-SF25ITR Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-SF25ITR SIMTEK-STK11C88-SF25ITR Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
More results

Similar Description - STK11C88-SF25I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com