Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK14CA8 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. STK14CA8
Description  128Kx8 AutoStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14CA8 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button STK14CA8 Datasheet HTML 2Page - Cypress Semiconductor STK14CA8 Datasheet HTML 3Page - Cypress Semiconductor STK14CA8 Datasheet HTML 4Page - Cypress Semiconductor STK14CA8 Datasheet HTML 5Page - Cypress Semiconductor STK14CA8 Datasheet HTML 6Page - Cypress Semiconductor STK14CA8 Datasheet HTML 7Page - Cypress Semiconductor STK14CA8 Datasheet HTML 8Page - Cypress Semiconductor STK14CA8 Datasheet HTML 9Page - Cypress Semiconductor STK14CA8 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
STK14CA8
Document Number: 001-51592 Rev. **
Page 6 of 16
SRAM WRITE Cycles #1 and #2
Figure 8. SRAM WRITE Cycle #1: W Controlled[7,8]
Figure 9. SRAM WRITE Cycle #2: E Controlled[7,8]
NO.
Symbols
Parameter
STK14CA8-25 STK14CA8-35 STK14CA8-45
Units
#1
#2
Alt.
Min
Max
Min
Max
Min
Max
12
tAVAV
tAVAV
tWC Write Cycle Time
25
35
45
ns
13
tWLWH
tWLEH
tWP Write Pulse Width
20
25
30
ns
14
tELWH
tELEH
tCW Chip Enable to End of Write
20
25
30
ns
15
tDVWH
tDVEH
tDW Data Setup to End of Write
10
12
15
ns
16
tWHDX
tEHDX
tDH Data Hold after End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW Address Setup to End of Write
20
25
30
ns
18
tAVWL
tAVEL
tAS
Address Setup to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR Address Hold after End of Write
0
0
0
ns
20
tWLQZ
[5,7]
tWZ Write Enable to Output Disable
10
13
15
ns
21
tWHQX
tOW Output Active after End of Write
3
3
3
ns
Notes
7. If W is low when E goes low, the outputs remain in the high impedance state.
8. E or W must be ≥ VIH during address transitions.
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA IN
12
tAVAV
16
tEHDX
13
tWLEH
19
tEHAX
18
tAVEL
17
tAVEH
DATA VALID
15
tDVEH
HIGH IMPEDANCE
14
tELEH
DATA OUT
E
ADDRESS
W
DATA IN
[+] Feedback


Similar Part No. - STK14CA8

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STK14CA8 ETC-STK14CA8 Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
Simtek Corporation
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
STK14CA8-N25 ETC-STK14CA8-N25 Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
STK14CA8-N25I ETC-STK14CA8-N25I Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
More results

Similar Description - STK14CA8

ManufacturerPart No.DatasheetDescription
Simtek Corporation
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz