Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14C88-5 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # STK14C88-5
Description  256 Kbit (32K x 8) AutoStore nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-5 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button STK14C88-5 Datasheet HTML 4Page - Cypress Semiconductor STK14C88-5 Datasheet HTML 5Page - Cypress Semiconductor STK14C88-5 Datasheet HTML 6Page - Cypress Semiconductor STK14C88-5 Datasheet HTML 7Page - Cypress Semiconductor STK14C88-5 Datasheet HTML 8Page - Cypress Semiconductor STK14C88-5 Datasheet HTML 9Page - Cypress Semiconductor STK14C88-5 Datasheet HTML 10Page - Cypress Semiconductor STK14C88-5 Datasheet HTML 11Page - Cypress Semiconductor STK14C88-5 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
STK14C88-5
Document Number: 001-51038 Rev. **
Page 8 of 17
Capacitance
In the following table, the capacitance parameters are listed.[8]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 0 to 3.0V
5pF
COUT
Output Capacitance
7pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed.[8]
Parameter
Description
Test Conditions
32-CDIP
32-LCC
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA / JESD51.
TBD
TBD
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
TBD
TBD
°C/W
Figure 7. AC Test Loads
AC Test Conditions
5.0V
Output
30 pF
R1 963
Ω
R2
512
Ω
5.0V
Output
5 pF
R1 963
Ω
R2
512
Ω
For Tri-state Specs
Input Pulse Levels .................................................... 0V to 3V
Input Rise and Fall Times (10% - 90%)........................ <5 ns
Input and Output Timing Reference Levels .................... 1.5V
Note
8. These parameters are guaranteed by design and are not tested.
[+] Feedback


Similar Part No. - STK14C88-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-5C35M ETC1-STK14C88-5C35M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK14C88-5C35M SIMTEK-STK14C88-5C35M Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5C35M CYPRESS-STK14C88-5C35M Datasheet
932Kb / 20P
   32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
logo
List of Unclassifed Man...
STK14C88-5C45M ETC1-STK14C88-5C45M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK14C88-5C45M SIMTEK-STK14C88-5C45M Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK14C88-5

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3_11 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com