Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C88 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # STK11C88
Description  256 Kbit (32K x 8) SoftStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C88 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button STK11C88 Datasheet HTML 3Page - Cypress Semiconductor STK11C88 Datasheet HTML 4Page - Cypress Semiconductor STK11C88 Datasheet HTML 5Page - Cypress Semiconductor STK11C88 Datasheet HTML 6Page - Cypress Semiconductor STK11C88 Datasheet HTML 7Page - Cypress Semiconductor STK11C88 Datasheet HTML 8Page - Cypress Semiconductor STK11C88 Datasheet HTML 9Page - Cypress Semiconductor STK11C88 Datasheet HTML 10Page - Cypress Semiconductor STK11C88 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STK11C88
Document Number: 001-50591 Rev. **
Page 7 of 15
Capacitance
In the following table, the capacitance parameters are listed.[4]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 0 to 3.0 V
5pF
COUT
Output Capacitance
7
pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed.[4]
Parameter
Description
Test Conditions
28-SOIC
(300 mil)
28-SOIC
(330 mil)
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance,
per EIA / JESD51.
TBD
TBD
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
TBD
TBD
°C/W
Figure 4. AC Test Loads
AC Test Conditions
5.0V
Output
30 pF
R1 480
Ω
R2
255
Ω
Input Pulse Levels .................................................. 0 V to 3 V
Input Rise and Fall Times (10% - 90%)........................ <5 ns
Input and Output Timing Reference Levels ................... 1.5 V
Note
4. These parameters are guaranteed by design and are not tested.
[+] Feedback


Similar Part No. - STK11C88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88 SIMTEK-STK11C88 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
STK11C88-3N25 SIMTEK-STK11C88-3N25 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK11C88

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com