Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C68-SF25TR Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # STK11C68-SF25TR
Description  64 Kbit (8K x 8) SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C68-SF25TR Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button STK11C68-SF25TR Datasheet HTML 8Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 9Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 10Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 11Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 12Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 13Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 14Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 15Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 16Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STK11C68
Document Number: 001-50638 Rev. **
Page 15 of 16
Figure 13. 28-Pad (350 Mil) LCC (001-51696)
Package Diagrams (continued)
1. ALL DIMENSION ARE IN INCHES AND MILLIMETERS [MIN/MAX]
2. JEDEC 95 OUTLINE# MO-041
3. PACKAGE WEIGHT : TBD
001-51696 **
[+] Feedback


Similar Part No. - STK11C68-SF25TR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C68-SF25TR SIMTEK-STK11C68-SF25TR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results

Similar Description - STK11C68-SF25TR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com