Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUPA-1300-M Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # LUPA-1300-M
Description  1.3MPxl High Speed CMOS Image Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

LUPA-1300-M Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button LUPA-1300-M Datasheet HTML 5Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 6Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 7Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 8Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 9Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 10Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 11Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 12Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LUPA-1300
Document Number: 38-05711 Rev. *C
Page 9 of 32
The photodiode is designed to obtain sensitivity as high as
possible for a dynamic range of at least 60dB. Consequently
the photodiode capacitance is 10 fF @ the output, resulting in
a S/N of more than 60 dB as the rms noise level is within the
expectation of 45 noise electrons. The pixel was specially
designed to have a very low parasitic light sensitivity (<0.5%).
The pixels are based on the high-fill factor active pixel sensor
technology of FillFactory (US patent No. 6,225,670 and
others)).
Column readout amplifiers
The column readout amplifiers are the interface between the
pixels and the output amplifiers. The pixels in the array are
selected line by line and the pixels of the selected line are
connected to the column readout amplifiers, which bring the
pixel data in the correct format to the output amplifiers.
To obtain a high frame rate, the complexity and the number of
stages in the column readout amplifiers must be minimized, so
that the power dissipation remains as low as possible, but also
to minimize the row blanking time. Figure 5 is a schematic
representation of the column readout structure. It consists of 2
parts. The first part is a module that reduces the row blanking
time. The second part shifts the signal to the correct level for
the output amplifiers and allows multiplexing in the x-direction.
From the moment that a new row is selected, the pixel data of
that row is placed onto the columns of the pixel array. These
columns are long lines and have a large parasitic capacitance.
As the pixel is small, it is not possible to match the transistor
inside the pixel, which drives this column. Consequently, the
first module in the column readout amplifiers must solve the
mismatch between the pixel driver and the large column
capacitance
Figure 5. Schematic representation of the column readout structure
Output amplifiers
16 output amplifiers each capable of working at 40 MHz pixel
rate are placed equidistant on the bottom of the image sensor.
These output amplifiers are required to obtain a frame rate of
450 frames/sec. A single output stage, not only to reduce
power, but also to achieve the required pixel rate is designed.
Figure 6 is a schematic representation of this module
Figure 6. Schematic representation of a single output stage.
Each output stage is designed to drive a load of 10 pF at a pixel
rate of 40 MHz. The load in the output stage determines this
pixel rate. In case the load capacitance is less than 10 pF, the
load in the output stage can increase, resulting in less power
dissipation of the output stages and consequently of the whole
sensor. Additionally, decreasing the load of the output stage
allows having more current available for the output stage to
Output stage
column
Module 1 : track & hold or reference set method
Module 2 : signal conditioning and multiplexing
X-mux
Shkol
Norow sel
Stabilize
power supply
Vstable
In
Out
Output stage
Cload
10 pF
[+] Feedback


Similar Part No. - LUPA-1300-M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
LUPA-1300-M CYPRESS-LUPA-1300-M Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
More results

Similar Description - LUPA-1300-M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIL1SM1300AA-GDC CYPRESS-CYIL1SM1300AA-GDC Datasheet
952Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A_15 Datasheet
773Kb / 44P
   High Speed CMOS Image Sensor
July, 2015 ??Rev. 11
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
   High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
   13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
logo
Hamamatsu Corporation
S9227 HAMAMATSU-S9227 Datasheet
104Kb / 4P
   CMOS linear image sensor High-speed readout, simultaneous integration
logo
Cypress Semiconductor
CYIL1SM1300AA CYPRESS-CYIL1SM1300AA_09 Datasheet
1Mb / 29P
   LUPA-1300 1.3 MPxl High Speed CMOS Image Sensor
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com