Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUPA-1300 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # LUPA-1300
Description  1.3MPxl High Speed CMOS Image Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

LUPA-1300 Datasheet(HTML) 4 Page - Cypress Semiconductor

  LUPA-1300_09 Datasheet HTML 1Page - Cypress Semiconductor LUPA-1300_09 Datasheet HTML 2Page - Cypress Semiconductor LUPA-1300_09 Datasheet HTML 3Page - Cypress Semiconductor LUPA-1300_09 Datasheet HTML 4Page - Cypress Semiconductor LUPA-1300_09 Datasheet HTML 5Page - Cypress Semiconductor LUPA-1300_09 Datasheet HTML 6Page - Cypress Semiconductor LUPA-1300_09 Datasheet HTML 7Page - Cypress Semiconductor LUPA-1300_09 Datasheet HTML 8Page - Cypress Semiconductor LUPA-1300_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LUPA-1300
Document Number: 38-05711 Rev. *C
Page 4 of 32
Specifications
General specifications
Electro-optical characteristics
Overview
Table 1. General specifications of the LUPA sensor
Parameter
Specification
Remarks
Pixel architecture
6T-pixel
Based on the high-fill factor active pixel sensor technology of
FillFactory
Pixel size
14
µm x 14 µm
The resolution and pixel size results in a 17.9 mm x 14.3 mm optical
active area.
Resolution
1280 x1024
Pixel rate
640 MHz
Using a 20 MHz system clock and 16 parallel outputs.
Shutter type
Pipelined snapshot shutter
Full snapshot shutter with variable integration time
Full frame rate
450 frames/second
Frame rate increase possible with ROI read out and/or sub sampling.
Package
Pin grid array 145 pins
PGA pins with 0.46 mm diameter
Table 2. Electrical-optical specifications of the LUPA-1300 sensor
Parameter
Specification
Remarks
FPN
<3% RMS
<10% p/p.
PRNU
2% RMS
Half saturation.
Conversion gain
16 uV/electron
Output signal amplitude
1V
Unity gain.
Saturation charge
62.500 e-
Is more then 60.000 (=1V/16uV/e-) due to non-linearity in saturated
region.
Sensitivity
1500 V.m2/W.s
Average white light.
8.33 V/lux.s
Visible band only (180 lx = 1 W/m2).
21.43 V/lux.s
Visible + NIR (70 lx = 1 W/m2).
Fill Factor
50%
100%-metal and polycide coverage.
Peak QE * FF
Peak SR * FF
15%
0.08 A/W
See spectral response curve.
MTF
X: 67%
Y: 66%
@ Nyquist
Temporal Noise
45e-
Dark environment, measured at T=21 oC.
S/N ratio
1330
1330 = 60000:45 = 62 dB.
Spectral sensitivity range 400 - 1000 nm
Parasitic light sensitivity
< 0.5%
I.e. sensitivity of the storage node compared to the sensitivity of
photodiode
Power dissipation
900 mWatt
Typical.
Output impedance
200-300 Ohms
Typical
[+] Feedback


Similar Part No. - LUPA-1300_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
LUPA-1300-C CYPRESS-LUPA-1300-C Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
LUPA-1300-M CYPRESS-LUPA-1300-M Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
More results

Similar Description - LUPA-1300_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIL1SM1300AA-GDC CYPRESS-CYIL1SM1300AA-GDC Datasheet
952Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A_15 Datasheet
773Kb / 44P
   High Speed CMOS Image Sensor
July, 2015 ??Rev. 11
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
   High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
   13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
logo
Hamamatsu Corporation
S9227 HAMAMATSU-S9227 Datasheet
104Kb / 4P
   CMOS linear image sensor High-speed readout, simultaneous integration
logo
Cypress Semiconductor
CYIL1SM1300AA CYPRESS-CYIL1SM1300AA_09 Datasheet
1Mb / 29P
   LUPA-1300 1.3 MPxl High Speed CMOS Image Sensor
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com