Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYII4SM014KAA-GEC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYII4SM014KAA-GEC
Description  Megapixel CMOS Image Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII4SM014KAA-GEC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYII4SM014KAA-GEC Datasheet HTML 4Page - Cypress Semiconductor CYII4SM014KAA-GEC Datasheet HTML 5Page - Cypress Semiconductor CYII4SM014KAA-GEC Datasheet HTML 6Page - Cypress Semiconductor CYII4SM014KAA-GEC Datasheet HTML 7Page - Cypress Semiconductor CYII4SM014KAA-GEC Datasheet HTML 8Page - Cypress Semiconductor CYII4SM014KAA-GEC Datasheet HTML 9Page - Cypress Semiconductor CYII4SM014KAA-GEC Datasheet HTML 10Page - Cypress Semiconductor CYII4SM014KAA-GEC Datasheet HTML 11Page - Cypress Semiconductor CYII4SM014KAA-GEC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
CYII4SC014KAA-GTC
CYII4SM014KAA-GEC
Document #: 38-05709 Rev. *C
Page 8 of 27
Figure 8. F Subsample Mode
Sensor Read Out Timing Diagrams
Row Sequencer
The row sequencer controls pulses to be given at the start of
each new line. Figure 9 on page 9 shows the timing diagram for
this sequence.
The signals to be controlled at each row are:
CLK_YL and CLK_YR: These are the clocks of the YL and YR
shift register. They can be driven by the same signals and at a
continuous frequency. At every rising edge, a new row is being
selected.
SELECT: This signal connects the pixels of the currently
sampled line with the columns. It is important that PC and
SELECT are never active together.
PC: An initialization pulse that needs to be given to precharge
the column.
SHS (Sample & Hold pixel Signal): This signal controls the track
and hold circuits in the column amplifiers. It is used to sample
the pixel signal in the columns. (0 = track ; 1 = hold).
RESET: This pulse resets the pixels of the row that is currently
being selected. In rolling shutter mode, the RESET signal is
pulsed a second time to reset the row selected by the YR shift
register. For “reset black” dark reference signals, the reset
pulse can be pulsed also during the first PC pulse. Normally,
the rising edge of RESET and the falling edge of PC occur at
the same position. The falling edge of RESET lags behind the
rising PC edge.
SHR (Sample & Hold pixel Reset level): This signal controls
another track and hold circuit in the column amplifiers. It is used
to sample the pixel reset level in the columns (for double
sampling). (0 = track ; 1 = hold).
SYL (Select YL register): Selects the YL shift register to drive
the reset line of the pixel array.
SYR (Select YR register): Selects the YR shift register to drive
the reset line of the pixel array. For rolling shutter applications,
SYL and SYR are complementary. In full frame readout, both
registers may be selected together, only if it is guaranteed that
both shift registers point to the same row. This can reduce the
row blanking time.
SYNC_YR and SYNC_YL: Synchronization pulse for the YR
and YL shift registers. The SYNC_YR/SYNC_YL signal is
clocked in during a rising edge on CLK_YR/CLK_YL and resets
the YR/YL shift register to the first row. Both pulses are pulsed
only once each frame. The exact pulsing scheme depends on
the mode of use (full frame/ rolling shutter). A 200 ns setup time
applies. See Table 4 on page 9.
SYNC_X: Resets the column pointer to the first row. This has
to be done before the end of the first PC pulse in case the
previous line has not been read out completely.
Figure 9 on page 9 shows the basic timing diagram of the
IBIS4-14000 image sensor and Table 4 on page 9 shows the
timing specifications of the clocking scheme.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
1 2 3 4 5 6 7 8 910111213 141516 1718192021 222324
modeF - 1:12
[+] Feedback


Similar Part No. - CYII4SM014KAA-GEC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYII4SM014KAA-GEC CYPRESS-CYII4SM014KAA-GEC Datasheet
1Mb / 27P
   14Megapixel CMOS Image Sensor
More results

Similar Description - CYII4SM014KAA-GEC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
   4 MegaPixel CMOS Image Sensor
IBIS4-14000-M CYPRESS-IBIS4-14000-M Datasheet
800Kb / 30P
   14-Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
MT9M001C12STM ONSEMI-MT9M001C12STM Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
NOII5SM1300A ONSEMI-NOII5SM1300A Datasheet
1,013Kb / 33P
   IBIS5 1.3 Megapixel CMOS Image Sensor
May, 2013 ??Rev. 12
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
Cypress Semiconductor
CYII5SM1300AB CYPRESS-CYII5SM1300AB_11 Datasheet
1Mb / 35P
   IBIS5 1.3 Megapixel CMOS Image Sensor
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
List of Unclassifed Man...
ICM200E ETC1-ICM200E Datasheet
679Kb / 32P
   Megapixel (UXGA) Digital Color CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com