Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3577EUFF-4PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3577EUFF-4PBF
Description  Highly Integrated Portable Product PMIC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577EUFF-4PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3577EUFF-4PBF Datasheet HTML 1Page - Linear Technology LTC3577EUFF-4PBF Datasheet HTML 2Page - Linear Technology LTC3577EUFF-4PBF Datasheet HTML 3Page - Linear Technology LTC3577EUFF-4PBF Datasheet HTML 4Page - Linear Technology LTC3577EUFF-4PBF Datasheet HTML 5Page - Linear Technology LTC3577EUFF-4PBF Datasheet HTML 6Page - Linear Technology LTC3577EUFF-4PBF Datasheet HTML 7Page - Linear Technology LTC3577EUFF-4PBF Datasheet HTML 8Page - Linear Technology LTC3577EUFF-4PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
LTC3577-3/LTC3577-4
4
357734fa
ELECTRICAL CHARACTERISTICS Power Manager. The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VBAT = 3.8V, ILIM0 = ILIM1 = 5V, WALL = 0V,
VINLDO2 = VINLOD1 = VIN12 = VIN3 = VOUT, RPROG = 2k, RCLPROG = 2.1k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VBUS
Input Supply Voltage
4.35
5.5
V
IBUS_LIM
Total Input Current (Note 5)
ILIM0 = 5V, ILIM1 = 5V (1x Mode)
ILIM0 = 0V, ILIM1 = 0V (5x Mode)
ILIM0 = 0V, ILIM1 = 5V (10x Mode)
l
l
l
80
450
900
90
475
950
100
500
1000
mA
mA
mA
IBUSQ
Input Quiescent Current, POFF State
1x, 5x, 10x Modes
ILIM0 = 5V, ILIM1 = 0V (Suspend Mode)
0.42
0.05
0.1
mA
mA
hCLPROG
Ratio of Measured VBUS Current to
CLPROG Program Current
1000
mA/mA
VCLPROG
CLPROG Servo Voltage in Current
Limit
1x Mode
5x Mode
10x Mode
0.2
1.0
2.0
V
V
V
VUVLO
VBUS Undervoltage Lockout
Rising Threshold
Falling Threshold
3.5
3.8
3.7
3.9
V
V
VDUVLO
VBUS to VOUT Differential Undervoltage
Lockout
Rising Threshold
Falling Threshold
50
–50
100
mV
mV
RON_ILIM
Input Current Limit Power FET On-
Resistance (Between VBUS and VOUT)
200
Battery Charger
VFLOAT
VBAT Regulated Output Voltage
LTC3577-3
LTC3577-3, 0 ≤ TA ≤ 85°C
4.179
4.165
4.200
4.200
4.221
4.235
V
V
LTC3577-4
LTC3577-4, 0 ≤ TA ≤ 85°C
4.079
4.065
4.1
4.1
4.121
4.135
V
V
ICHG
Constant-Current Mode Charge Current
IC Not in Thermal Limit
RPROG = 1k, Input Current Limit = 2A
RPROG = 2k, Input Current Limit = 1A
RPROG = 5k, Input Current Limit = 0.4A
l
l
l
950
465
180
1000
500
200
1050
535
220
mA
mA
mA
IBATQ_OFF
Battery Drain Current, POFF State,
Buck3 Disabled, No Load (Note 15)
VBAT = 4.3V, Charger Time Out
VBUS = 0V
6
55
27
100
μA
μA
IBATQ_ON
Battery Drain Current, PON State,
Buck3 Enabled (Notes 10, 15)
VBUS = 0V, IOUT = 0μA, No Load On
Supplies, Burst Mode Operation
130
200
μA
VPROG,CHG
PROG Pin Servo Voltage
VBAT > VTRKL
1.000
V
VPROG,TRKL
PROG Pin Servo Voltage in Trickle
Charge
VBAT < VTRKL
0.100
V
hPROG
Ratio of IBAT to PROG Pin Current
1000
mA/mA
ITRKL
Trickle Charge Current
VBAT < VTRKL
40
50
60
mA
VTRKL
Trickle Charge Rising Threshold
Trickle Charge Falling Threshold
VBAT Rising
VBAT Falling
2.5
2.9
2.75
3.0
V
V
ΔVRECHRG
Recharge Battery Threshold Voltage
Threshold Voltage Relative to VFLOAT
–75
–100
–125
mV
tTERM
Safety Timer Termination Period
Timer Starts when VBAT = VFLOAT – 50mV
3.2
4
4.8
Hour
tBADBAT
Bad Battery Termination Time
VBAT < VTRKL
0.4
0.5
0.6
Hour
hC/10
End-of-Charge Indication Current Ratio (Note 6)
0.085
0.1
0.11
mA/mA
RON_CHG
Battery Charger Power FET On-
Resistance (Between VOUT and BAT)
200
TLIM
Junction Temperature in Constant
Temperature Mode
110
°C


Similar Part No. - LTC3577EUFF-4PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577EUFF-1PBF LINER-LTC3577EUFF-1PBF Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
LTC3577EUFF-1TRPBF LINER-LTC3577EUFF-1TRPBF Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
More results

Similar Description - LTC3577EUFF-4PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577 Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288 Datasheet
418Kb / 3P
   Highly integrated PMIC customized for Intel SoC
logo
Motorola, Inc
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com