Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3548AEDD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3548AEDD
Description  Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548AEDD Datasheet(HTML) 5 Page - Linear Technology

  LTC3548AEDD Datasheet HTML 1Page - Linear Technology LTC3548AEDD Datasheet HTML 2Page - Linear Technology LTC3548AEDD Datasheet HTML 3Page - Linear Technology LTC3548AEDD Datasheet HTML 4Page - Linear Technology LTC3548AEDD Datasheet HTML 5Page - Linear Technology LTC3548AEDD Datasheet HTML 6Page - Linear Technology LTC3548AEDD Datasheet HTML 7Page - Linear Technology LTC3548AEDD Datasheet HTML 8Page - Linear Technology LTC3548AEDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3548A
5
3548af
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage
vs Temperature
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
Efficiency vs Load Current
Efficiency vs Load Current
Load Regulation
Efficiency vs Load Current
Efficiency vs Load Current
Line Regulation
TA = 25°C unless otherwise specified.
0.615
0.610
0.605
0.600
0.595
0.590
0.585
TEMPERATURE (°C)
–50
25
75
3548A G08
–25
0
50
100
125
VIN = 3.6V
VIN (V)
1
500
450
400
350
300
250
200
46
3548A G09
2
3
57
MAIN
SWITCH
SYNCHRONOUS
SWITCH
TEMPERATURE (°C)
–50
550
500
450
400
350
300
250
200
150
100
25
75
3548A G10
–25
0
50
100
150
125
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN = 3.6V
VIN = 4.2V
VIN = 2.7V
LOAD CURRENT (mA)
1
0
30
20
10
70
60
50
40
100
90
80
10
100
1000
3548A G11
2.7V
VOUT = 2.5V
Burst Mode OPERATION
FIGURE 3 CIRCUIT
3.3V
4.2V
LOAD CURRENT (mA)
1
0
30
20
10
70
60
50
40
100
90
80
10
100
1000
3548A G12
Burst Mode OPERATION
PULSE-SKIPPING MODE
VIN = 3.6V
VOUT = 1.8V
NO LOAD ON OTHER CHANNEL
LOAD CURRENT (mA)
1
–4
–3
1
0
–1
–2
4
3
2
10
100
1000
3548A G13
Burst Mode OPERATION
PULSE-SKIPPING MODE
VIN = 3.6V
VOUT = 1.8V
NO LOAD ON OTHER CHANNEL
LOAD CURRENT (mA)
1
0
30
20
10
70
60
50
40
100
90
80
10
100
1000
3548A G14
2.7V
4.2V
VOUT = 1.2V
Burst Mode OPERATION
3.3V
LOAD CURRENT (mA)
1
0
30
20
10
70
60
50
40
100
90
80
10
100
1000
3548A G15
2.7V
4.2V
VOUT = 1.5V
Burst Mode OPERATION
3.3V
VIN (V)
2
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
4
6
3548A G16
35
VOUT = 1.8V
IOUT = 200mA


Similar Part No. - LTC3548AEDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3548AEDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com