Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYII4SC6600AB-QDC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYII4SC6600AB-QDC
Description  6.6 MP CMOS Image Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII4SC6600AB-QDC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYII4SC6600AB-QDC Datasheet HTML 7Page - Cypress Semiconductor CYII4SC6600AB-QDC Datasheet HTML 8Page - Cypress Semiconductor CYII4SC6600AB-QDC Datasheet HTML 9Page - Cypress Semiconductor CYII4SC6600AB-QDC Datasheet HTML 10Page - Cypress Semiconductor CYII4SC6600AB-QDC Datasheet HTML 11Page - Cypress Semiconductor CYII4SC6600AB-QDC Datasheet HTML 12Page - Cypress Semiconductor CYII4SC6600AB-QDC Datasheet HTML 13Page - Cypress Semiconductor CYII4SC6600AB-QDC Datasheet HTML 14Page - Cypress Semiconductor CYII4SC6600AB-QDC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
IBIS4-6600 CYII4SM6600AB
Document Number: 001-02366 Rev. *E
Page 11 of 35
Assume that Voutfull is the voltage that depends on the bit values that are applied to the DAC and ranges from:
Externally, the output range of DAC_raw can be changed by connecting a resistor Rcal to RCAL_DAC_OUT and applying a voltage
Vcal. The output voltage Vout of DAC_raw follows the relation (R = 10 kΩ).
Special case:
Rcal = then Vout = Voutfull (for example, for DAC_fine)
Rcal = 0, Vcal = GND ............................. then Vout = Voutfull/2
A similar relation holds for the output range of DAC_DARK (RCAL_DAC_DARK can be used to tune the output range of this DAC).
Analog to Digital Converter
The IBIS4-6600 has a two 10-bit flash analog digital converters. The ADCs are electrically separated from the image sensor. The
inputs of the ADC must be tied externally to the outputs of the output amplifiers. One ADC samples the even columns and the other
samples the odd columns. Alternatively, one ADC can also sample all the pixels.
Setting the ADC Reference Voltages
Figure 12. ADC Resistor Ladder
The internal resistance has a value of approximately 577
Ω. Only
277
Ω of this internal resistance is actually used as reference for
the internal ADC. This causes the actual ADC voltage range to
become half of the voltage difference between VHIGH_ADC and
VLOW_ADC. This results in the values listed Table 6 for the
external resistors.
Table 5. ADC Specifications
Parameter
Specification
Input Range
Set by External Resistors
(Refer the section Setting the ADC Reference Voltages)
Quantization
10 Bits
Nominal Data Rate
20 Msamples/s
DNL(Linear Conversion Mode)
Typ. < 0.4 LSB RMS
INL (Linear Conversion Mode)
Typ. < 3.5 LSB
Input Capacitance
< 2 pF
Conversion Law
Linear/Gamma corrected
)
11111111
(
)
2
1
1
(
)
00000000
(
0
:
8
values
bit
VDDA
values
bit
Voutfull
cal
cal
outfull
cal
cal
out
V
R
R
R
V
R
R
R
R
V
2
2
150 Ohm (ESD)
RADC = 577 Ohm
Internal
GND
VLOW_ADC ~ 0.42V
VHIGH_ADC ~ 1.5V
277 Ohm
VDDA_ADC
High reference voltage
used by ADC
150 Ohm (ESD)
Low reference voltage
used by ADC
Table 6. ADC Resistor Values
Resistor
Value (
Ω)
RVHIGH_ADC
560
RInternal
577
RVLOWADC
220
[+] Feedback


Similar Part No. - CYII4SC6600AB-QDC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYII4SC6600AB-QDC CYPRESS-CYII4SC6600AB-QDC Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
More results

Similar Description - CYII4SC6600AB-QDC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
CYII5FM1300AB CYPRESS-CYII5FM1300AB Datasheet
1Mb / 40P
   1.3 MP CMOS Image Sensor
CYII5FM1300AB CYPRESS-CYII5FM1300AB_09 Datasheet
1Mb / 41P
   1.3 MP CMOS Image Sensor
logo
ON Semiconductor
AR0835HS ONSEMI-AR0835HS Datasheet
1Mb / 70P
   8 Mp CMOS Digital Image Sensor
Rev. D Pub. 5/15 EN
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
AR0833 ONSEMI-AR0833 Datasheet
1Mb / 64P
   8 Mp CMOS Digital Image Sensor
Rev. H Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com