Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3577EUFF-3PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3577EUFF-3PBF
Description  Highly Integrated Portable Product PMIC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577EUFF-3PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3577EUFF-3PBF Datasheet HTML 6Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 7Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 8Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 9Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 10Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 11Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 12Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 13Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
LTC3577-3/LTC3577-4
10
357734fa
TYPICAL PERFORMANCE CHARACTERISTICS
Input Supply Current vs
Temperature
Input Supply Current vs
Temperature (Suspend Mode)
Battery Drain Current vs
Temperature
Input Current Limit vs
Temperature
Input RON vs Temperature
Charge Current vs Temperature
(Thermal Regulation)
ELECTRICAL CHARACTERISTICS
Note 5: Total input current is the sum of quiescent current, IBUSQ, and
measured current given by VCLPROG/RCLPROG • (hCLPROG + 1).
Note 6: hC/10 is expressed as a fraction of measured full charge current
with indicated PROG resistor.
Note 7: The current limit features of this part are intended to protect the
IC from short term or intermittent fault conditions. Continuous operation
above the maximum specified pin current rating may result in device
degradation or failure.
Note 8: The serial port is tested at rated operating frequency. Timing
parameters are tested and/or guaranteed by design.
Note 9: VOUT not in UVLO.
Note 10: Buck FB high, not switching.
Note 11: Measured with the LDO running unity gain with output tied to
feedback pin.
Note 12: Dropout voltage is the minimum input to output voltage
differential needed for an LDO to maintain regulation at a specified output
current. When an LDO is in dropout, its output voltage will be equal to
VIN – VDROP.
Note 13: PGOOD threshold is expressed as a percentage difference
from the Buck1, Buck2 and LDO1 regulation voltages. The threshold is
measured from Buck1, Buck2 and LDO1 output rising.
Note 14: IVOUT_LED is the sum of VOUT and VIN3 current due to LED driver.
Note 15: The IBATQ specifications represent the total battery load assuming
VINLDO1, VINLDO2, VIN12 and VIN3 are tied directly to VOUT.
TEMPERATURE (°C)
–50
0.7
25
357734 G01
0.4
0.2
–25
0
50
0.1
0
0.8
0.6
0.5
0.3
75
100
125
VBUS = 5V
1x MODE
TA = 25°C unless otherwise specified
TEMPERATURE (°C)
–50
–25
0
0.04
0.10
0
50
75
357734 G02
0.02
0.08
0.06
25
100
125
VBUS = 5V
TEMPERATURE (°C)
–50
400
1000
1100
1200
0
50
75
357734 G04
200
100
800
600
300
900
0
700
500
–25
25
100
125
VBUS = 5V
RCLPROG = 2.1k
10x MODE
5x MODE
1x MODE
TEMPERATURE (°C)
–50
0
100
140
160
180
300
240
0
50
75
357734 G05
120
260
280
220
–25
25
100
125
IOUT = 400mA
VBUS = 4.5V
VBUS = 5.5V
VBUS = 5V
TEMPERATURE (°C)
–50
400
500
600
25
75
357734 G06
300
200
–25
0
50
100
125
100
0
VBUS = 5V
10x MODE
RPROG = 2k
TEMPERATURE (°C)
–50
0
50
150
200
250
450
350
0
50
75
357734 G03
100
400
300
–25
25
100
125
NO LOAD ON
ALL SUPPLIES
VBAT = 3.8V
VBUS = 0V
ALL SUPPLIES ENABLED (EXCEPT BOOST)
PULSE-SKIP MODE
ALL SUPPLIES ENABLED
(EXCEPT BOOST)
Burst Mode OPERATION
ALL SUPPLIES DISABLED EXCEPT LDO1


Similar Part No. - LTC3577EUFF-3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577EUFF-1PBF LINER-LTC3577EUFF-1PBF Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
LTC3577EUFF-1TRPBF LINER-LTC3577EUFF-1TRPBF Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
More results

Similar Description - LTC3577EUFF-3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577 Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288 Datasheet
418Kb / 3P
   Highly integrated PMIC customized for Intel SoC
logo
Motorola, Inc
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com