Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3548A Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3548A
Description  Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548A Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3548A Datasheet HTML 2Page - Linear Technology LTC3548A Datasheet HTML 3Page - Linear Technology LTC3548A Datasheet HTML 4Page - Linear Technology LTC3548A Datasheet HTML 5Page - Linear Technology LTC3548A Datasheet HTML 6Page - Linear Technology LTC3548A Datasheet HTML 7Page - Linear Technology LTC3548A Datasheet HTML 8Page - Linear Technology LTC3548A Datasheet HTML 9Page - Linear Technology LTC3548A Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3548A
6
3548af
PIN FUNCTIONS
VFB1 (Pin 1): Output Feedback. Receives the feedback volt-
age from the external resistive divider across the output.
Nominal voltage for this pin is 0.6V.
RUN/SS1 (Pin 2): Regulator 1 Enable and Soft-Start Input.
Forcing this pin to VIN enables regulator 1, while forcing it
to GND causes regulator 1 to shut down. Connect external
RC network with desired time-constant to enable soft-start
feature. This pin must be driven; do not float.
VIN (Pin 3): Main Power Supply. Must be closely decoupled
to GND.
SW1 (Pin 4): Regulator 1 Switch Node Connection to the
Inductor. This pin swings from VIN to GND.
NC (Pin 5): No Connect. This pin is not connected inter-
nally. Connect to ground on PCB for shielding purposes.
MODE/SYNC (Pin 6): Combination Mode Selection and
Oscillator Synchronization. This pin controls the opera-
tion of the device. When tied to VIN or GND, Burst Mode
operation or pulse-skipping mode is selected, respectively.
Do not float this pin. The oscillation frequency can be
synchronized to an external oscillator applied to this pin
and pulse-skipping mode is automatically selected.
SW2 (Pin 7): Regulator 2 Switch Node Connection to the
Inductor. This pin swings from VIN to GND.
POR (Pin 8): Power-On Reset. This common-drain logic
output is pulled to GND when the output voltage is not
within ±8.5% of regulation and goes high after 216 clock
cycles when both channels are within regulation.
RUN/SS2 (Pin 9): Regulator 2 Enable and Soft-Start Input.
Forcing this pin to VIN enables regulator 2, while forcing it
to GND causes regulator 2 to shut down. Connect external
RC network with desired time-constant to enable soft-start
feature. This pin must be driven; do not float.
VFB2 (Pin 10): Output Feedback. Receives the feedback
voltage from the external resistive divider across the output.
Nominal voltage for this pin is 0.6V.
Exposed Pad (GND) (Pin 11): Power Ground. Connect to
the (–) terminal of COUT, and (–) terminal of CIN. Must be
soldered to electrical ground on PCB.


Similar Part No. - LTC3548A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3548A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com