Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2754BIUKG-16PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2754BIUKG-16PBF
Description  Quad 12-/16-Bit SoftSpan IOUT DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2754BIUKG-16PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2754BIUKG-16PBF Datasheet HTML 3Page - Linear Technology LTC2754BIUKG-16PBF Datasheet HTML 4Page - Linear Technology LTC2754BIUKG-16PBF Datasheet HTML 5Page - Linear Technology LTC2754BIUKG-16PBF Datasheet HTML 6Page - Linear Technology LTC2754BIUKG-16PBF Datasheet HTML 7Page - Linear Technology LTC2754BIUKG-16PBF Datasheet HTML 8Page - Linear Technology LTC2754BIUKG-16PBF Datasheet HTML 9Page - Linear Technology LTC2754BIUKG-16PBF Datasheet HTML 10Page - Linear Technology LTC2754BIUKG-16PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2754
7
2754f
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2754-12
TA = 25°C, unless otherwise noted.
VDD (V)
2.5
0.5
0.75
1
1.25
1.5
2
3
3.5
4
4.5
5
5.5
1.75
2754 G14
RISING
FALLING
Logic Threshold
vs Supply Voltage
Supply Current
vs Logic Input Voltage
LTC2754
Supply Current
vs Clock Frequency
Midscale Glitch
Settling 0V to 10V
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1024
2048
2754 G11
–0.6
0.6
0.8
0.2
3072
4095
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1024
2048
2754 G12
–0.6
0.6
0.8
0.2
3072
4095
VDD = 5V
VREF = 5V
±10V RANGE
DIGITAL INPUT VOLTAGE (V)
0
3
4
5
4
2754 G13
2
1
0
1
2
3
5
VDD = 5V
CLR, LDAC, SDI, SCK,
CS/LD TIED TOGETHER
VDD = 3V
SCK FREQUENCY (Hz)
1
0.0001
0.001
0.01
0.1
1
10
100
VDD = 5V
100
10k
1M
100M
2754 G15
VDD = 3V
Midscale Glitch
CS/LD
2V/DIV
VOUT
5mV/DIV
500ns/DIV
VDD = 3V
VREF = 5V
5V RANGE
LT1468 OUTPUT AMPLIFIER
CFEEDBACK = 27pF
2754 G16
0.26nV•s TYP
CS/LD
5V/DIV
VOUT
5mV/DIV
500ns/DIV
VDD = 5V
VREF = 5V
5V RANGE
LT1468 OUTPUT AMPLIFIER
CFEEDBACK = 27pF
2754 G17
1.25nV•s TYP
500ns/DIV
CS/LD
5V/DIV
GATED
SETTLING
WAVEFORM
250μV/DIV
2754 G17
USING LT1469 AMP
CFEEDBACK = 12pF
0V TO 10V STEP
RISING MAJOR CARRY TRANSITION.
FALLING TRANSITION IS SIMILAR OR BETTER
RISING MAJOR CARRY TRANSITION.
FALLING TRANSITION IS SIMILAR OR BETTER


Similar Part No. - LTC2754BIUKG-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2754 LINER-LTC2754 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2754 LINER-LTC2754 Datasheet
1Mb / 28P
   Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2754 LINER-LTC2754 Datasheet
1Mb / 28P
   Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2754 LINER-LTC2754 Datasheet
594Kb / 28P
   16-Channel 16-/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2754-12 LINER-LTC2754-12 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
More results

Similar Description - LTC2754BIUKG-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2754 LINER-LTC2754_15 Datasheet
507Kb / 28P
   Quad 12-/16-Bit SoftSpan IOUT DACs
LTC2752 LINER-LTC2752 Datasheet
366Kb / 24P
   Dual16-Bit SoftSpan IOUT DACs
LTC2752 LINER-LTC2752_15 Datasheet
370Kb / 24P
   Dual16-Bit SoftSpan IOUT DACs
LTC2758 LINER-LTC2758_15 Datasheet
412Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LTC2758 LINER-LTC2758 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2664 LINER-LTC2664 Datasheet
1Mb / 28P
   Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com