Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2656BIFE-H16PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2656BIFE-H16PBF
Description  Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2656BIFE-H16PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2656BIFE-H16PBF Datasheet HTML 5Page - Linear Technology LTC2656BIFE-H16PBF Datasheet HTML 6Page - Linear Technology LTC2656BIFE-H16PBF Datasheet HTML 7Page - Linear Technology LTC2656BIFE-H16PBF Datasheet HTML 8Page - Linear Technology LTC2656BIFE-H16PBF Datasheet HTML 9Page - Linear Technology LTC2656BIFE-H16PBF Datasheet HTML 10Page - Linear Technology LTC2656BIFE-H16PBF Datasheet HTML 11Page - Linear Technology LTC2656BIFE-H16PBF Datasheet HTML 12Page - Linear Technology LTC2656BIFE-H16PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2656
9
2656f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltages are with respect to GND.
Note 3: Linearity and monotonicity are defined from code kL to code
2N – 1, where N is the resolution and kL is the lower end code for which
no output limiting occurs. For VREF = 2.5V and N = 16, kL = 128 and
linearity is defined from code 128 to code 65535. For VREF = 2.5V and
N = 12, kL = 8 and linearity is defined from code 8 to code 4,095.
Note 4: Inferred from measurement at code 128 (LTC2656-16) or code 8
(LTC2656-12).
Note 5: DC crosstalk is measured with VCC = 5V and using internal
reference with the measured DAC at mid-scale.
Note 6: This IC includes current limiting that is intended to protect the
device during momentary overload conditions. Junction temperature can
exceed the rated maximum during current limiting. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.7V to 5.5V
t1
SDI Valid to SCK Setup
l
4ns
t2
SDI Valid to SCK Hold
l
4ns
t3
SCK High Time
l
9ns
t4
SCK Low Time
l
9ns
t5
CS/LD Pulse Width
l
10
ns
t6
LSB SCK High to CS/LD High
l
7ns
t7
CS/LD Low to SCK High
l
7ns
t8
SDO Propagation Delay from SCK Falling Edge
CLOAD = 10pF
VCC = 4.5V to 5.5V
VCC = 2.7V to 4.5V
l
l
20
45
ns
ns
t9
CLR Pulse Width
l
20
ns
t10
CS/LD High to SCK Positive Edge
l
7ns
t12
LDAC Pulse Width
l
15
ns
t13
CS/LD High to LDAC High or Low Transition
l
200
ns
SCK Frequency
50% Duty Cycle
l
50
MHz
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTC2656B-L16/LTC2656-L12/LTC2656B-H16/LTC2656-H12 (see Figure 1).
Note 7: Temperature coefficient is calculated by dividing the maximum
change in output voltage by the specified temperature range.
Note 8: Digital inputs at 0V or VCC.
Note 9: Guaranteed by design and not production tested.
Note 10: Internal reference mode. DAC is stepped 1/4 scale to 3/4 scale
and 3/4 scale to 1/4 scale. Load is 2kΩ in parallel with 200pF to GND.
Note 11: VCC = 5V, internal reference mode. DAC is stepped ±1LSB
between half scale and half scale – 1LSB. Load is 2k in parallel with 200pF
to GND.
Note 12: DAC-to-DAC crosstalk is the glitch that appears at the output
of one DAC due to a full-scale change at the output of another DAC. It is
measured with VCC = 5V and using internal reference, with the measured
DAC at mid-scale.
Note 13: Gain error specification may be degraded for reference input
voltages less than 1V. See Gain Error vs Reference Input Voltage curve in
the Typical Performance Characteristics section.


Similar Part No. - LTC2656BIFE-H16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2656BIFE-H16PBF LINER-LTC2656BIFE-H16PBF Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
More results

Similar Description - LTC2656BIFE-H16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657_15 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com