Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2754IUKG-12PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2754IUKG-12PBF
Description  Quad 12-/16-Bit SoftSpan IOUT DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2754IUKG-12PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2754IUKG-12PBF Datasheet HTML 4Page - Linear Technology LTC2754IUKG-12PBF Datasheet HTML 5Page - Linear Technology LTC2754IUKG-12PBF Datasheet HTML 6Page - Linear Technology LTC2754IUKG-12PBF Datasheet HTML 7Page - Linear Technology LTC2754IUKG-12PBF Datasheet HTML 8Page - Linear Technology LTC2754IUKG-12PBF Datasheet HTML 9Page - Linear Technology LTC2754IUKG-12PBF Datasheet HTML 10Page - Linear Technology LTC2754IUKG-12PBF Datasheet HTML 11Page - Linear Technology LTC2754IUKG-12PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC2754
8
2754f
PIN FUNCTIONS
GEADJA (Pin1): Gain Adjust Pin for DAC A. This control
pin can be used to null gain error or to compensate for
reference errors. Nominal adjustment range is ±512 LSB
(LTC2754-16) for a voltage input range of ±VRINA (i.e., ±5V
for a 5V reference input). Tie to ground if not used.
RINA (Pin 2): Input Resistor for Reference Inverting
Amplifier. The 20k input resistor is connected internally
from RINA to RCOMA. For normal operation tie RINA to the
external reference voltage VREFA(seeTypicalApplications).
Any or all of these precision-matched resistor sets (Each
set comprising RINX, RCOMX and REFX) may be used to
invert one or more positive reference voltages to the nega-
tive voltages needed by the DACs. Typically 5V; accepts
up to ±15V.
IOUT2A (Pin 3): DAC A Current Output Complement. Tie
IOUT2A to ground.
GND (Pin 4): Ground; provides shielding for IOUT2A. Tie
to ground.
CS/LD (Pin 5): Synchronous Chip Select and Load Pin.
SDI (Pin 6): Serial Data Input. Data is clocked in on the
rising edge of the serial clock (SCK) when CS/LD is low.
SCK (Pin 7): Serial Clock.
SRO (Pin 8): Serial Readback Output. Data is clocked out
on the falling edge of SCK. Readback data begins clocking
out after the last address bit A0 is clocked in. SRO is an
active output only when the chip is selected (i.e., when
CS/LD is low). Otherwise SRO presents a high-impedance
output in order to allow other parts to control the bus.
SROGND (Pin 9): Ground pin for SRO. Tie to ground.
VDD (Pin 10): Positive Supply Input; 2.7V ≤ VDD ≤ 5.5V. By-
pass with a 0.1μF low-ESR ceramic capacitor to ground.
GND (Pin 11): Ground. Tie to ground.
IOUT2D (Pin 12): DAC D Current Output Complement. Tie
IOUT2D to ground.
RIND (Pin 13): Input Resistor for Reference Inverting
Amplifier. The 20k input resistor is connected inter-
nally from RIND to RCOMD. For normal operation tie RIND
to the external reference voltage VREFD (see Typical
Applications). Any or all of these precision-matched resis-
tor sets (Each set comprising RINX, RCOMX and REFX) may
be used to invert one or more positive reference voltages
to the negative voltages needed by the DACs. Typically
5V; accepts up to ±15V.
GEADJD (Pin 14): Gain Adjust Pin for DAC D. This control
pin can be used to null gain error or to compensate for
reference errors. Nominal adjustment range is ±512 LSB
(LTC2754-16) for a voltage input range of ±VRIND (i.e., ±5V
for a 5V reference input). Tie to ground if not used.
RCOMD (Pin 15): Center Tap Point for Reference Amplifier
Inverting Resistors. The 20k reference inverting resistors
are connected internally from RIND to RCOMD and from
RCOMD to REFD, respectively (see Block Diagram). For
normal operation tie RCOMDtothenegativeinputofexternal
reference inverting amplifier (see Typical Applications).
REFD (Pin 16): Inverted Reference Voltage for DAC D, with
internal connection to the reference inverting resistor. The
20k resistor is connected internally from REFD to RCOMD.
For normal operation tie this pin to the output of reference
inverting amplifier (see Typical Applications). Typically –5V;
accepts up to ±15V. The impedance looking into this pin
is 10k to ground (RIND and RCOMD floating).
ROFSD (Pin 17): Bipolar Offset Network for DAC D. This
pin provides the translation of the output voltage range for
bipolar spans. Accepts up to ±15V; for normal operation
tie to the positive reference voltage at RIND (Pin 13). The
impedance looking into this pin is 20k to ground.
RFBD (Pin 18): DAC D Feedback Resistor. For normal
operation tie to the output of the I/V converter amplifier
for DAC D (see Typical Applications). The DAC output
current from IOUT1D flows through the feedback resistor
to the RFBD pin. The impedance looking into this pin is
10k to ground.
IOUT1D (Pin 19): DAC D Current Output. This pin is a
virtual ground when the DAC is operating and should
reside at 0V. For normal operation tie to the negative
input of the I/V converter amplifier for DAC D (see Typi-
cal Applications).


Similar Part No. - LTC2754IUKG-12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2754 LINER-LTC2754 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2754 LINER-LTC2754 Datasheet
1Mb / 28P
   Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2754 LINER-LTC2754 Datasheet
1Mb / 28P
   Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2754 LINER-LTC2754 Datasheet
594Kb / 28P
   16-Channel 16-/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2754-12 LINER-LTC2754-12 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
More results

Similar Description - LTC2754IUKG-12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2754 LINER-LTC2754_15 Datasheet
507Kb / 28P
   Quad 12-/16-Bit SoftSpan IOUT DACs
LTC2752 LINER-LTC2752 Datasheet
366Kb / 24P
   Dual16-Bit SoftSpan IOUT DACs
LTC2752 LINER-LTC2752_15 Datasheet
370Kb / 24P
   Dual16-Bit SoftSpan IOUT DACs
LTC2758 LINER-LTC2758_15 Datasheet
412Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LTC2758 LINER-LTC2758 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2664 LINER-LTC2664 Datasheet
1Mb / 28P
   Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com