Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2174IUKG-14PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2174IUKG-14PBF
Description  14-Bit, 125Msps/105Msps/80Msps Low Power Quad ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2174IUKG-14PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC2174IUKG-14PBF Datasheet HTML 1Page - Linear Technology LTC2174IUKG-14PBF Datasheet HTML 2Page - Linear Technology LTC2174IUKG-14PBF Datasheet HTML 3Page - Linear Technology LTC2174IUKG-14PBF Datasheet HTML 4Page - Linear Technology LTC2174IUKG-14PBF Datasheet HTML 5Page - Linear Technology LTC2174IUKG-14PBF Datasheet HTML 6Page - Linear Technology LTC2174IUKG-14PBF Datasheet HTML 7Page - Linear Technology LTC2174IUKG-14PBF Datasheet HTML 8Page - Linear Technology LTC2174IUKG-14PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2175-14/
LTC2174-14/LTC2173-14
2
21754314p
ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)
PIN CONFIGURATIONS
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2175CUKG-14#PBF
LTC2175CUKG-14#TRPBF
LTC2175UKG-14
52-Lead (7mm × 8mm) Plastic QFN
0°C to 70°C
LTC2175IUKG-14#PBF
LTC2175IUKG-14#TRPBF
LTC2175UKG-14
52-Lead (7mm × 8mm) Plastic QFN
–40°C to 85°C
LTC2174CUKG-14#PBF
LTC2174CUKG-14#TRPBF
LTC2174UKG-14
52-Lead (7mm × 8mm) Plastic QFN
0°C to 70°C
LTC2174IUKG-14#PBF
LTC2174IUKG-14#TRPBF
LTC2174UKG-14
52-Lead (7mm × 8mm) Plastic QFN
–40°C to 85°C
LTC2173CUKG-14#PBF
LTC2173CUKG-14#TRPBF
LTC2173UKG-14
52-Lead (7mm × 8mm) Plastic QFN
0°C to 70°C
LTC2173IUKG-14#PBF
LTC2173IUKG-14#TRPBF
LTC2173UKG-14
52-Lead (7mm × 8mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Supply Voltages
VDD, OVDD................................................ –0.3V to 2V
Analog Input Voltage (AIN+, AIN–,
PAR/SER, SENSE) (Note 3)...........–0.3V to (VDD + 0.2V)
Digital Input Voltage (ENC+, ENC, CS,
SDI, SCK) (Note 4).................................... –0.3V to 3.9V
SDO (Note 4) ............................................ –0.3V to 3.9V
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Operating Temperature Range
LTC2175C, 2174C, 2173C ........................ 0°C to 70°C
LTC2175I, 2174I, 2173I ....................... –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
16
15
17 18 19
TOP VIEW
53
UKG PACKAGE
52-LEAD (7mm × 8mm) PLASTIC QFN
20 21 22 23 24 25 26
51
52
50 49 48 47 46 45 44 43 42 41
33
34
35
36
37
38
39
40
8
7
6
5
4
3
2
1
AIN1
+
AIN1
VCM12
AIN2
+
AIN2
REFH
REFH
REFL
REFL
AIN3
+
AIN3
VCM34
AIN4
+
AIN4
OUT2A+
OUT2A
OUT2B+
OUT2B
DCO+
DCO
OVDD
OGND
FR+
FR
OUT3A+
OUT3A
OUT3B+
OUT3B
32
31
30
29
28
27
9
10
11
12
13
14
TJMAX = 150°C, θJA = 28°C/W
EXPOSED PAD (PIN 53) IS GND, MUST BE SOLDERED TO PCB


Similar Part No. - LTC2174IUKG-14PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2174-12 LINER-LTC2174-12 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC2174-12 LINER-LTC2174-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2174-14 LINER-LTC2174-14 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC2174-14 LINER-LTC2174-14 Datasheet
1Mb / 28P
   Quad 14-Bit, 125Msps ADC with Integrated Drivers
LTC2174-14 LINER-LTC2174-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
More results

Similar Description - LTC2174IUKG-14PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2173-14 LINER-LTC2173-14_15 Datasheet
858Kb / 34P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2174-14 LINER-LTC2174-14_15 Datasheet
858Kb / 34P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2175-14 LINER-LTC2175-14_15 Datasheet
858Kb / 34P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2267-14 LINER-LTC2267-14_15 Datasheet
688Kb / 32P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2145-14 LINER-LTC2145-14_15 Datasheet
657Kb / 38P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTM9010-14 LINER-LTM9010-14_15 Datasheet
1Mb / 40P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9011-14 LINER-LTM9011-14_15 Datasheet
1Mb / 40P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC2173-12 LINER-LTC2173-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2175-12 LINER-LTC2175-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2143-14 LINER-LTC2143-14_15 Datasheet
657Kb / 38P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com