Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF6936-40LTXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYRF6936-40LTXC
Description  WirelessUSB LP 2.4 GHz Radio SoC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF6936-40LTXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYRF6936-40LTXC Datasheet HTML 5Page - Cypress Semiconductor CYRF6936-40LTXC Datasheet HTML 6Page - Cypress Semiconductor CYRF6936-40LTXC Datasheet HTML 7Page - Cypress Semiconductor CYRF6936-40LTXC Datasheet HTML 8Page - Cypress Semiconductor CYRF6936-40LTXC Datasheet HTML 9Page - Cypress Semiconductor CYRF6936-40LTXC Datasheet HTML 10Page - Cypress Semiconductor CYRF6936-40LTXC Datasheet HTML 11Page - Cypress Semiconductor CYRF6936-40LTXC Datasheet HTML 12Page - Cypress Semiconductor CYRF6936-40LTXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
CYRF6936
Document #: 38-16015 Rev. *I
Page 9 of 23
Table 4. Recommended BoM for Systems where VBAT
≤ 2.4V
Item
Qty
CY Part Number
Reference
Description
Manufacturer
Mfr Part Number
1
1
NA
ANT1
2.5GHZ H-STUB WIGGLE
ANTENNA FOR 63MIL PCB
NA
NA
2
1
NA
BH1
BATTERY CLIPS 2AA CELL
3
1
730-10012
C1
CAP 15PF 50V CERAMIC NPO
0402
Panasonic
ECJ-0EC1H150J
4
1
730-11955
C3
CAP 2.0 PF 50V CERAMIC NPO
0402
Kemet
C0402C209C5GACTU
5
1
730-11398
C4
CAP 1.5PF 50V CERAMIC NPO
0402 SMD
PANASONIC
ECJ-0EC1H1R5C
6
2
730R-13322
C5,C17
CAP CER .47UF 6.3V X5R 0402
Murata
GRM155R60J474KE19D
7
2
730-13037
C12,C7
CAP CERAMIC 10UF 6.3V X5R
0805
Kemet
C0805C106K9PACTU
8
1
730-13400
C8
CAP 1 uF 6.3V CERAMIC X5R
0402
Panasonic
ECJ-0EB0J105M
9
6
730-13404
C9,C10,C11,
C13,C15,C16
CAP 0.047 uF 16V CERAMIC X5R
0402
AVX
0402YD473KAT2A
10
1
710-13201
C18
CAP 100UF 10V ELECT FC
Panasonic - ECG
EEU-FC1A101S
11
2
730-10794
C20,C19
CAP 10000PF 16V CERAMIC 0402
SMD
Panasonic - ECG
ECJ-0EB1C103K
12
1
800-13317
D1
DIODE SCHOTTKY 0.5A 40V
SOT23
DIODES INC
BAT400D-7-F
13
1
NA
J1
PCB COPPER PADS
NONE
14
1
420-11496
J2
CONN HDR BRKWAY 5POS STR
AU PCB
AMP Division of
TYCO
103185-5
15
1
420-11964
J3
HEADER 1 POS 0.230 HT MODII
.100CL
AMP/Tyco
103185-1
16
1
800-13401
L1
INDUCTOR 22NH 2% FIXED 0603
SMD
Panasonic - ECG
ELJ-RE22NGF2
17
1
800-11651
L2
INDUCTOR 1.8NH +-.3NH FIXED
0402 SMD
Panasonic - ECG
ELJ-RF1N8DF
18
1
800-10594
L3
COIL 10UH 1100MA CHOKE 0805 Newark
30K5421
19
1
630-11356
R2
RES 1.00 OHM 1/8W 1% 0805
SMD
Yageo
9C08052A1R00FKHFT
20
1
610-13402
R3
RES 47 OHM 1/16W 5% 0402 SMD
Panasonic - ECG
ERJ-2GEJ470X
21
1
800-13368
S1
LT SWITCH 6MM 100GF H=7MM
TH
Panasonic - ECG
EVQ-PAC07K
22
1
CYRF6936-40LF
C
U1
IC, LP 2.4 GHz RADIO SoC
QFN-40
Cypress
Semiconductor
CYRF6936 Rev A5
23
1
CY7C60123-PV
XC
U2
IC WIRELESS EnCore II
CONTROLLER SSOP48
Cypress
Semiconductor
CY7C60123-PVXC
24
1
800-13259
Y1
CRYSTAL 12.00MHZ HC49 SMD
eCERA
GF-1200008
25
1
PDC-9265-*B
PCB
PRINTED CIRCUIT BOARD
Cypress
Semiconductor
PDC-9265-*B
26
1
920-11206
LABEL1
Serial Number
27
1
920-26504 *A
LABEL2
PCA #
121-26504 *A
[+] Feedback


Similar Part No. - CYRF6936-40LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF6936-40LTXC CYPRESS-CYRF6936-40LTXC Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
More results

Similar Description - CYRF6936-40LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
   WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
   WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
   WirelessUSB??NX 2.4 GHz Low Power Radio
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com