Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF6936 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYRF6936
Description  WirelessUSB LP 2.4 GHz Radio SoC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF6936 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYRF6936_09 Datasheet HTML 2Page - Cypress Semiconductor CYRF6936_09 Datasheet HTML 3Page - Cypress Semiconductor CYRF6936_09 Datasheet HTML 4Page - Cypress Semiconductor CYRF6936_09 Datasheet HTML 5Page - Cypress Semiconductor CYRF6936_09 Datasheet HTML 6Page - Cypress Semiconductor CYRF6936_09 Datasheet HTML 7Page - Cypress Semiconductor CYRF6936_09 Datasheet HTML 8Page - Cypress Semiconductor CYRF6936_09 Datasheet HTML 9Page - Cypress Semiconductor CYRF6936_09 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
CYRF6936
Document #: 38-16015 Rev. *I
Page 6 of 23
The device registers may be written to or read from one byte at
a time, or several sequential register locations may be written or
read in a single SPI transaction using incrementing burst mode.
In addition to single byte configuration registers, the device
includes register files. Register files are FIFOs written to and
read from using nonincrementing burst SPI transactions.
The IRQ pin function may be optionally multiplexed onto the
MOSI pin. When this option is enabled, the IRQ function is not
available while the SS pin is LOW. When using this configuration,
user firmware must ensure that the MOSI pin on the MCU is in a
high impedance state whenever the SS pin is HIGH.
The SPI interface is not dependent on the internal 12 MHz clock.
Registers may therefore be read from or written to when the
device is in sleep mode, and the 12 MHz oscillator disabled.
The SPI interface and the IRQ and RST pins have a separate
voltage reference pin (VIO). This enables the device to interface
directly to MCUs operating at voltages below the CYRF6936 IC
supply voltage.
Figure 4. SPI Single Read Sequence
Figure 5. SPI Incrementing Burst Read Sequence
Figure 6. SPI Single Write Sequence
Figure 7. SPI Incrementing Burst Write Sequence
Table 3. SPI Transaction Format
Parameter
Byte 1
Byte 1+N
Bit #
7
6
[5:0]
[7:0]
Bit Name
DIR
INC
Address
Data
DIR
0
INC
A5A4
A3A2A1A0
D7
D6
D5
D4
D3
D2
D1
D0
SCK
MOSI
SS
MISO
cmd
addr
data to mcu
DIR
0
INC
A5A4
A3A2A1A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
data to mcu1
cmd
addr
data to mcu1+N
SCK
MOSI
SS
MISO
DIR
1
INC
A5A4
A3A2A1A0
D7
D6
D5
D4
D3
D2
D1
D0
SCK
MOSI
SS
MISO
cmd
addr
data from mcu
DIR
1
INC
A5A4
A3A2A1A0
D7
D6
D5
D4
D3
D2
D1
D0
SCK
MOSI
SS
MISO
cmd
addr
data from mcu1
D7
D6
D5
D4
D3
D2
D1
D0
data from mcu1+N
[+] Feedback


Similar Part No. - CYRF6936_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF6936-40LFXC CYPRESS-CYRF6936-40LFXC Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYRF6936-40LFXC CYPRESS-CYRF6936-40LFXC Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYRF6936-40LTXC CYPRESS-CYRF6936-40LTXC Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
More results

Similar Description - CYRF6936_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
   WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
   WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
   WirelessUSB??NX 2.4 GHz Low Power Radio
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com