Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0403DXB-BGC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYV15G0403DXB-BGC
Description  Independent Clock Quad HOTLink II Transceiver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0403DXB-BGC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYV15G0403DXB-BGC Datasheet HTML 3Page - Cypress Semiconductor CYV15G0403DXB-BGC Datasheet HTML 4Page - Cypress Semiconductor CYV15G0403DXB-BGC Datasheet HTML 5Page - Cypress Semiconductor CYV15G0403DXB-BGC Datasheet HTML 6Page - Cypress Semiconductor CYV15G0403DXB-BGC Datasheet HTML 7Page - Cypress Semiconductor CYV15G0403DXB-BGC Datasheet HTML 8Page - Cypress Semiconductor CYV15G0403DXB-BGC Datasheet HTML 9Page - Cypress Semiconductor CYV15G0403DXB-BGC Datasheet HTML 10Page - Cypress Semiconductor CYV15G0403DXB-BGC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
CYP15G0403DXB
CYV15G0403DXB
CYW15G0403DXB
Document #: 38-02065 Rev. *F
Page 7 of 45
Pin Configuration (Bottom View)
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
A
OUT
B2–
IN
B2–
OUT
B1–
IN
B1–
VCC
OUT
A2–
IN
A2–
GND
OUT
A1–
IN
A1–
OUT
D2–
IN
D2–
GND
OUT
D1–
IN
D1–
VCC
OUT
C2–
IN
C2–
OUT
C1–
IN
C1–
B
OUT
B2+
IN
B2+
OUT
B1+
IN
B1+
VCC
OUT
A2+
IN
A2+
GND
OUT
A1+
IN
A1+
OUT
D2+
IN
D2+
GND
OUT
D1+
IN
D1+
VCC
OUT
C2+
IN
2+
OUT
C1+
IN
C1+
C
TDO
LP
END
TRST
LDTD
EN
VCC
SPD
SELD
NC
GND
DATA
[1]
DATA
[3]
DATA
[5]
DATA
[7]
GND
ULCC
ULCD
VCC
IN
SELB
IN
SELC
TMS
TDI
D
TMEN3
SCAN
EN2
LTEN1
LP
ENA
VCC
ULCB
LP
ENB
GND
DATA
[0]
DATA
[2]
DATA
[4]
DATA
[6]
GND
SPD
SELC
ULCA
VCC
IN
SELA
IN
SELD
RESET
TCLK
E
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
F
RX
STB[0]
TX
CLKOB
RX
STB[1]
NC
NC
TX
DC[0]
RX
DC[7]
Rx
DC[6]
G
RX
DB[1]
SPD
SELA
LP
ENC
SPD
SELB
TX
DC[1]
TX
DC[4]
WREN
TX
DC[7]
H
GND
GND
GND
GND
GND
GND
GND
GND
J
RX
DB[2]
RX
DB[5]
RX
DB[0]
RX
STB[2]
TX
DC[3]
TX
DC[2]
TX
DC[5]
TX
CTC[1]
K
LFIB
RX
DB[7]
RX
DB[4]
RX
DB[3]
TX
CLKC
TX
CTC[0]
REF
CLKC–
RX
DC[2]
L
TX
DB[6]
RX
CLKB–
RX
CLKB+
RX
DB[6]
TX
DC[6]
LFIC
REF
CLKC+
RX
DC[3]
M
TX
CLKB
TX
ERRB
REF
CLKB–
REF
CLKB+
TX
ERRC
NC
RX
DC[5]
RX
DC[4]
N
GND
GND
GND
GND
GND
GND
GND
GND
P
TX
DB[2]
TX
DB[3]
TX
DB[4]
TX
DB[5]
RX
STC[1]
RX
STC[0]
RX
DC[0]
RX
DC[1]
R
TX
DB[7]
TX
CTB[1]
TX
DB[0]
TX
DB[1]
RX
CLKC–
RX
CLKC+
TX
CLKOC
RX
STC[2]
T
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
U
RX
STA[1]
RX
STA[2]
TX
CTB[0]
RX
DA[2]
VCC
TX
CTA[0]
TX
DA[4]
GND
TX
DA[1]
REF
CLKD–
ADDR
[0]
TXC
TA[1]
GND
RX
DD[1]
RX
DD[2]
VCC
TX
CTD[1]
TX
DD[2]
TX
DD[1]
TX
DD[0]
V
RX
STA[0]
RX
DA[0]
RX
DA[3]
RX
DA[7]
VCC
TX
DA[7]
TX
DA[3]
GND
TX
CLKOA
REF
CLKD+
ADDR
[2]
RX
STD[2]
GND
RX
STD[0]
RX
DD[3]
VCC
RX
DD[6]
TX
CTD[0]
TX
DD[4]
TX
DD[3]
W
RX
DA[1]
RX
DA[4]
REF
CLKA+
LFIA
VCC
TX
DA[6]
TX
DA[2]
GND
TX
ERRA
RX
CLKA+
ADDR
[1]
ADDR
[3]
GND
RX
STD[1]
RX
DD[4]
VCC
RX
CLKD–
LFID
TX
DD[7]
TX
DD[5]
Y
RX
DA[5]
RX
DA[6]
REF
CLKA–
TX
ERRD
VCC
TX
DA[5]
TX
DA[0]
GND
RX
CLKA–
TX
CLKA
NC
TX
CLKOD
GND
RX
DD[0]
RX
DD[5]
VCC
RX
CLKD+
RX
DD[7]
TX
CLKD
TX
DD[6]
[+] Feedback


Similar Part No. - CYV15G0403DXB-BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0403DXB-BGC CYPRESS-CYV15G0403DXB-BGC Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYV15G0403DXB-BGC CYPRESS-CYV15G0403DXB-BGC Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
More results

Similar Description - CYV15G0403DXB-BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYV15G0404DXB CYPRESS-CYV15G0404DXB Datasheet
809Kb / 43P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0404DXB CYPRESS-CYV15G0404DXB_07 Datasheet
1Mb / 44P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
   Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
CYV15G0404RB CYPRESS-CYV15G0404RB_07 Datasheet
452Kb / 27P
   Independent Clock Quad HOTLink II??Deserializing Reclocker
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com