Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3008ETS8-1.2TR Datasheet(PDF) 1 Page - Linear Technology

Part # LT3008ETS8-1.2TR
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008ETS8-1.2TR Datasheet(HTML) 1 Page - Linear Technology

  LT3008ETS8-1.2TR Datasheet HTML 1Page - Linear Technology LT3008ETS8-1.2TR Datasheet HTML 2Page - Linear Technology LT3008ETS8-1.2TR Datasheet HTML 3Page - Linear Technology LT3008ETS8-1.2TR Datasheet HTML 4Page - Linear Technology LT3008ETS8-1.2TR Datasheet HTML 5Page - Linear Technology LT3008ETS8-1.2TR Datasheet HTML 6Page - Linear Technology LT3008ETS8-1.2TR Datasheet HTML 7Page - Linear Technology LT3008ETS8-1.2TR Datasheet HTML 8Page - Linear Technology LT3008ETS8-1.2TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3008 Series
1
3008fa
TEMPERATURE (°C)
400
3008 TA01b
200
100
50
0
500
300
250
150
5
350
2
3
1
0
6
450
4
–50 –25
0
25
50
75
100 125 150
ILOAD = 20mA
DROPOUT
VOLTAGE
IQ
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
3µA IQ, 20mA, 45V
Low Dropout Linear Regulators
The LT®3008 series are micropower, low dropout voltage
(LDO) linear regulators. The devices supply 20mA output
current with a dropout voltage of 300mV. No-load quiescent
current is 3μA. Ground pin current remains at less than
5% of output current as load increases. In shutdown,
quiescent current is less than 1μA.
The LT3008 regulators optimize stability and transient
response with low ESR ceramic capacitors, requiring a
minimum of only 2.2μF. The regulators do not require
the addition of ESR as is common with other regulators.
Internal protection circuitry includes current limiting,
thermal limiting, reverse-battery protection and reverse-
current protection.
The LT3008 series are ideal for applications that require
moderate output drive capability coupled with ultralow
standby power consumption. The device is available in
fixed output voltages of 1.2V, 1.5V, 1.8V, 2.5V, 3.3V and
5V, and an adjustable version with an output voltage range
of 0.6V to 44.5V. The LT3008 is available in the thermally
enhanced 6-lead DFN and 8-lead TSOT-23 packages.
3.3V, 20mA Supply with Shutdown
n
Ultralow Quiescent Current: 3μA
n
Input Voltage Range: 2.0V to 45V
n
Output Current: 20mA
n
Dropout Voltage: 300mV
n
Adjustable Output (VADJ = VOUT(MIN) = 600mV)
n
Fixed Output Voltages: 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5V
n
Output Tolerance:
±2% Over Load, Line and
Temperature
n
Stable with Low ESR, Ceramic Output Capacitors
(2.2μF Minimum)
n
Shutdown Current: <1μA
n
Current Limit Protection
n
Reverse-Battery Protection
n
Thermal Limit Protection
n
TSOT-23 and 2mm
× 2mm DFN Packages
n
Automotive
n
Low Current Battery-Powered Systems
n
Keep-Alive Power Supplies
n
Remote Monitoring
n
Utility Meters
n
Low Power Industrial Applications
IN
SHDN
2.2μF
3008 TA01a
OUT
SENSE
VIN
3.8V TO
45V
GND
LT3008-3.3
VOUT
3.3V
20mA
1μF
Dropout Voltage/Quiescent Current
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT3008ETS8-1.2TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008ETS8-PBF LINER-LT3008ETS8-PBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008ETS8-TR LINER-LT3008ETS8-TR Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008ETS8-TRPBF LINER-LT3008ETS8-TRPBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
More results

Similar Description - LT3008ETS8-1.2TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com