11 / 11 page
CY62177DV30
MoBL®
Document #: 38-05633 Rev. *C
Page 11 of 11
Document History Page
Document Title:CY62177DV30 MoBL® 32-Mbit (2M x 16) Static RAM
Document #: 38-05633
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
251075
See ECN
AJU
New Data Sheet
*A
330363
See ECN
AJU
Changed title of data sheet from CYM62177DV30 to CY62177DV30
Added second chip enable (CE2)
Added footnote #12 on page 5
*B
400960
See ECN
NXR
Changed address of Cypress Semiconductor Corporation on Page# 1 from
“3901 North First Street” to “198 Champion Court”
Changed ISB1 from 60 and 40 µA to 100 µA for the L and LL versions for both
the 55 and the 70 ns speed bins respectively.
*C
469187
See ECN
NXR
Converted from Preliminary to Final
Changed the ISB2(Max) from 40 µA to 50 µA for LL version of both 45 ns and
55 ns speed bins
Changed the ICCDR(Max) from 20 µA to 25 µA for LL version
Updated the Ordeing Information table
[+] Feedback