Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62177DV30 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62177DV30
Description  32-Mbit (2M x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62177DV30 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62177DV30_09 Datasheet HTML 1Page - Cypress Semiconductor CY62177DV30_09 Datasheet HTML 2Page - Cypress Semiconductor CY62177DV30_09 Datasheet HTML 3Page - Cypress Semiconductor CY62177DV30_09 Datasheet HTML 4Page - Cypress Semiconductor CY62177DV30_09 Datasheet HTML 5Page - Cypress Semiconductor CY62177DV30_09 Datasheet HTML 6Page - Cypress Semiconductor CY62177DV30_09 Datasheet HTML 7Page - Cypress Semiconductor CY62177DV30_09 Datasheet HTML 8Page - Cypress Semiconductor CY62177DV30_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
32-Mbit (2M x 16) Static RAM
CY62177DV30
MoBL®
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05633 Rev. *C
Revised June 14, 2006
Features
• Very high speed: 55 ns and 70 ns
• Wide voltage range: 2.20V–3.60V
• Ultra-low active power
— Typical active current: 2 mA @ f = 1 MHz
— Typical active current: 15 mA @ f = fmax
• Ultra low standby power
• Easy memory expansion with CE1, CE2 and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Packages offered in a 48-ball FBGA
Functional Description[1]
The CY62177DV30 is a high-performance CMOS static RAM
organized as 2M words by 16 bits. This device features
advanced circuit design to provide ultra-low active current.
This is ideal for providing More Battery Life
™ (MoBL®) in
portable applications such as cellular telephones.The device
also has an automatic power-down feature that significantly
reduces power consumption. The device can also be put into
standby mode when deselected (CE1 HIGH or CE2 LOW or
both BHE and BLE are HIGH). The input/output pins (I/O0
through I/O15) are placed in a high-impedance state when:
deselected (CE1HIGH or CE2 LOW), outputs are disabled (OE
HIGH), both Byte High Enable and Byte Low Enable are
disabled (BHE, BLE HIGH), or during a write operation (CE1
LOW, CE2 HIGH and WE LOW).
Writing to the device is accomplished by taking Chip Enables
(CE1 LOW and CE2 HIGH) and Write Enable (WE) input LOW.
If Byte Low Enable (BLE) is LOW, then data from I/O pins (I/O0
through I/O7), is written into the location specified on the
address pins (A0 through A20). If Byte High Enable (BHE) is
LOW, then data from I/O pins (I/O8 through I/O15) is written into
the location specified on the address pins (A0 through A20).
Reading from the device is accomplished by taking Chip
Enables (CE1 LOW and CE2 HIGH) and Output Enable (OE)
LOW while forcing the Write Enable (WE) HIGH. If Byte Low
Enable (BLE) is LOW, then data from the memory location
specified by the address pins will appear on I/O0 to I/O7. If Byte
High Enable (BHE) is LOW, then data from memory will appear
on I/O8 to I/O15. See the truth table for a complete description
of read and write modes.
Note:
1. For best practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
Logic Block Diagram
2048K × 16
RAM Array
I/O0–I/O7
A 8
A 7
A 6
A 5
A 2
COLUMN DECODER
DATA-IN DRIVERS
OE
A 4
A 3
I/O8–I/O15
WE
BLE
BHE
A 0
A 1
A 9
A10
Power-down
Circuit
CE2
CE1
[+] Feedback


Similar Part No. - CY62177DV30_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177DV30L-55BAI CYPRESS-CY62177DV30L-55BAI Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY62177DV30L-70BAI CYPRESS-CY62177DV30L-70BAI Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY62177DV30LL CYPRESS-CY62177DV30LL Datasheet
498Kb / 14P
   32-Mbit (2M x 16) Static RAM
CY62177DV30LL-55BAI CYPRESS-CY62177DV30LL-55BAI Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY62177DV30LL-55BAXI CYPRESS-CY62177DV30LL-55BAXI Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
More results

Similar Description - CY62177DV30_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1071AV33 CYPRESS-CY7C1071AV33 Datasheet
148Kb / 10P
   32-Mbit (2M x 16) Static RAM
CY62177DV20 CYPRESS-CY62177DV20_08 Datasheet
308Kb / 11P
   32-Mbit (2M x 16) Static RAM
CY62177DV30 CYPRESS-CY62177DV30_11 Datasheet
498Kb / 14P
   32-Mbit (2M x 16) Static RAM
logo
Integrated Silicon Solu...
IS32WV204816B ISSI-IS32WV204816B Datasheet
102Kb / 18P
   2M x 16 (32-Mbit) PSEUDO STATIC RAM
logo
Cypress Semiconductor
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33_07 Datasheet
462Kb / 11P
   16-Mbit (512K X 32) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com