Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT3754 Datasheet(PDF) 15 Page - Linear Technology

Part No. LT3754
Description  16-Channel × 50mA LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3754 Datasheet HTML 11Page - Linear Technology LT3754 Datasheet HTML 12Page - Linear Technology LT3754 Datasheet HTML 13Page - Linear Technology LT3754 Datasheet HTML 14Page - Linear Technology LT3754 Datasheet HTML 15Page - Linear Technology LT3754 Datasheet HTML 16Page - Linear Technology LT3754 Datasheet HTML 17Page - Linear Technology LT3754 Datasheet HTML 18Page - Linear Technology LT3754 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LT3754
15
3754f
APPLICATIONS INFORMATION
SHDN/UVLO
1.476V
600k
VSUPPLY
R1
13
R2
3754 F03
ON
OFF
+
Figure 3. Programming Undervoltage
Lockout (UVLO) with Hysteresis
Figure 4. Switching Frequency vs RT
pin. After part turn on, 0μA flows from the SHDN/UVLO
pin. Calculation of the turn on/off thresholds for a system
input supply using the LT3754 SHDN/UVLO pin can be
made as follows :
V
R
R
VV
SUPPLY
SUPPLY
SU
OFF
ON
=+
=
1 476 1
1
2
.
P
PPLY
μA R
OFF +
()
24
1
.•
An open drain transistor can be added to the resistor
divider network at the SHDN/UVLO pin to independently
control the turn off of the LT3754.
Programming Switching Frequency
The switching frequency of the LT3754 boost converter
can be programmed between 100kHz and 1MHz using a
single resistor (RT) connected from the RT pin to ground
(Figure 4). Connect the RT resistor as close as possible to
the RT pin to minimize noise pick up and stray capacitance
(see “Circuit Layout Considerations” in the Applications
Information section). Table 5 shows the typical RT values
required for a range of frequencies.
the soft start of VC pin to begin. This feature ensures that
during startup of the LT3754 the soft start ramp has not
timed out before PWM is asserted high. Without this ‘wait
for PWM high’ feature, systems which apply PWM after VIN
and SHDN/UVLO are valid, can potentially turn on without
soft start and experience high inductor currents during
wake up of the converter’s output voltage. It is important
to note that when PWM subsequently goes low, the soft
start ramp is not held at its present voltage but continues
to ramp upwards. If the soft start ramp voltage was held
every time PWM goes low, this would cause very slow
startup of LED displays for applications using very high
PWM Dimming ratios.
Shutdown and Programming Undervoltage Lockout
The LT3754 has an accurate 1.476V shutdown threshold
at the SHDN/UVLO pin. This threshold can be used in
conjunction with a resistor divider from the system input
supply to define an accurate undervoltage lockout (UVLO)
threshold for the system (Figure 3). An internal hysteresis
current at the SHDN/UVLO pin allows programming of
hysteresis voltage for this UVLO threshold. Just before
part turn on, an internal 2.4μA flows from the SHDN/UVLO
RT (kΩ)
0
1000
600
700
800
900
500
400
300
200
100
300
500
200
400
3754 F04
600
100


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn