Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157EV30LL-45BVXA Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62157EV30LL-45BVXA
Description  8 Mbit (512K x 16) Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157EV30LL-45BVXA Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62157EV30LL-45BVXA Datasheet HTML 2Page - Cypress Semiconductor CY62157EV30LL-45BVXA Datasheet HTML 3Page - Cypress Semiconductor CY62157EV30LL-45BVXA Datasheet HTML 4Page - Cypress Semiconductor CY62157EV30LL-45BVXA Datasheet HTML 5Page - Cypress Semiconductor CY62157EV30LL-45BVXA Datasheet HTML 6Page - Cypress Semiconductor CY62157EV30LL-45BVXA Datasheet HTML 7Page - Cypress Semiconductor CY62157EV30LL-45BVXA Datasheet HTML 8Page - Cypress Semiconductor CY62157EV30LL-45BVXA Datasheet HTML 9Page - Cypress Semiconductor CY62157EV30LL-45BVXA Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CY62157EV30 MoBL®
Document #: 38-05445 Rev. *F
Page 6 of 15
Switching Characteristics
Over the Operating Range[12, 13]
Parameter
Description
45 ns (Ind’l/Auto-A)
55 ns (Auto-E)
Unit
Min
Max
Min
Max
Read Cycle
tRC
Read Cycle Time
45
55
ns
tAA
Address to Data Valid
45
55
ns
tOHA
Data Hold from Address Change
10
10
ns
tACE
CE1 LOW and CE2 HIGH to Data Valid
45
55
ns
tDOE
OE LOW to Data Valid
22
25
ns
tLZOE
OE LOW to LOW-Z[14]
55
ns
tHZOE
OE HIGH to High-Z[14, 15]
18
20
ns
tLZCE
CE1 LOW and CE2 HIGH to Low-Z
[14]
10
10
ns
tHZCE
CE1 HIGH and CE2 LOW to High-Z
[14,
15]
18
20
ns
tPU
CE1 LOW and CE2 HIGH to Power Up
0
0
ns
tPD
CE1 HIGH and CE2 LOW to Power
Down
45
55
ns
tDBE
BLE/BHE LOW to Data Valid
45
55
ns
tLZBE
BLE/BHE LOW to Low-Z[14, 16]
510
ns
tHZBE
BLE/BHE HIGH to HIGH-Z[14, 15]
18
20
ns
Write Cycle[17]
tWC
Write Cycle Time
45
55
ns
tSCE
CE1 LOW and CE2 HIGH to Write End
35
40
ns
tAW
Address Setup to Write End
35
40
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Setup to Write Start
0
0
ns
tPWE
WE Pulse Width
35
40
ns
tBW
BLE/BHE LOW to Write End
35
40
ns
tSD
Data Setup to Write End
25
25
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE
WE LOW to High-Z[14, 15]
18
20
ns
tLZWE
WE HIGH to Low-Z[14]
10
10
ns
Notes
12. Test conditions for all parameters other than tri-state parameters assume signal transition time of 3 ns or less, timing reference levels of VCC(typ)/2, input pulse
levels of 0 to VCC(typ), and output loading of the specified IOL/IOH as shown in the AC Test Loads and Waveforms on page 4.
13. AC timing parameters are subject to byte enable signals (BHE or BLE) not switching when chip is disabled. See application note AN13842 for further clarification.
14. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device.
15. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high-impedance state.
16. If both byte enables are toggled together, this value is 10 ns.
17. The internal write time of the memory is defined by the overlap of WE, CE = VIL, BHE, BLE or both = VIL, and CE2 = VIH. All signals must be active to initiate a
write and any of these signals can terminate a write by going inactive. The data input setup and hold timing must be referenced to the edge of the signal that
terminates the write.
[+] Feedback


Similar Part No. - CY62157EV30LL-45BVXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV30LL-45BVXA CYPRESS-CY62157EV30LL-45BVXA Datasheet
625Kb / 14P
   8-Mbit (512K x 16) Static RAM
CY62157EV30LL-45BVXA CYPRESS-CY62157EV30LL-45BVXA Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62157EV30LL-45BVXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL Datasheet
314Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30 Datasheet
625Kb / 14P
   8-Mbit (512K x 16) Static RAM
CY62157E CYPRESS-CY62157E_09 Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL_09 Datasheet
327Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com