Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157EV30 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62157EV30
Description  8 Mbit (512K x 16) Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157EV30 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62157EV30_09 Datasheet HTML 1Page - Cypress Semiconductor CY62157EV30_09 Datasheet HTML 2Page - Cypress Semiconductor CY62157EV30_09 Datasheet HTML 3Page - Cypress Semiconductor CY62157EV30_09 Datasheet HTML 4Page - Cypress Semiconductor CY62157EV30_09 Datasheet HTML 5Page - Cypress Semiconductor CY62157EV30_09 Datasheet HTML 6Page - Cypress Semiconductor CY62157EV30_09 Datasheet HTML 7Page - Cypress Semiconductor CY62157EV30_09 Datasheet HTML 8Page - Cypress Semiconductor CY62157EV30_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY62157EV30 MoBL®
Document #: 38-05445 Rev. *F
Page 4 of 15
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Thermal Resistance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
BGA
TSOP I
TSOP II
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch,
two-layer printed circuit board
72
74.88
76.88
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
8.86
8.6
13.52
°C/W
Figure 4. AC Test Loads and Waveforms
Parameters
2.5V
3.0V
Unit
R1
16667
1103
Ω
R2
15385
1554
Ω
RTH
8000
645
Ω
VTH
1.20
1.75
V
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
TH
[+] Feedback


Similar Part No. - CY62157EV30_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV30LL-45BVI CYPRESS-CY62157EV30LL-45BVI Datasheet
625Kb / 14P
   8-Mbit (512K x 16) Static RAM
CY62157EV30LL-45BVI CYPRESS-CY62157EV30LL-45BVI Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157EV30LL-45BVXA CYPRESS-CY62157EV30LL-45BVXA Datasheet
625Kb / 14P
   8-Mbit (512K x 16) Static RAM
CY62157EV30LL-45BVXA CYPRESS-CY62157EV30LL-45BVXA Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157EV30LL-45BVXI CYPRESS-CY62157EV30LL-45BVXI Datasheet
625Kb / 14P
   8-Mbit (512K x 16) Static RAM
More results

Similar Description - CY62157EV30_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL Datasheet
314Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30 Datasheet
625Kb / 14P
   8-Mbit (512K x 16) Static RAM
CY62157E CYPRESS-CY62157E_09 Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL_09 Datasheet
327Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com