Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157DV30L-55BVXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62157DV30L-55BVXI
Description  8-Mbit (512K x 16) MoBL Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157DV30L-55BVXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62157DV30L-55BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62157DV30L-55BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62157DV30L-55BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62157DV30L-55BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62157DV30L-55BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62157DV30L-55BVXI Datasheet HTML 9Page - Cypress Semiconductor CY62157DV30L-55BVXI Datasheet HTML 10Page - Cypress Semiconductor CY62157DV30L-55BVXI Datasheet HTML 11Page - Cypress Semiconductor CY62157DV30L-55BVXI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY62157DV30 MoBL®
Document #: 38-05392 Rev. *H
Page 11 of 12
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
MoBL is a registered trademark, and More Battery Life is a trademark, of Cypress Semiconductor Corporation. All product and
company names mentioned in this document are the trademarks of their respective holders.
Package Diagrams (continued)
1
N
0.020[0.50]
0.007[0.17]
0.037[0.95]
0.002[0.05]
0°-5°
MAX.
0.028[0.70]
0.010[0.25]
0.004[0.10]
0.011[0.27]
0.041[1.05]
0.047[1.20]
0.472[12.00]
0.724 [18.40]
0.787[20.00]
0.006[0.15]
TYP.
0.020[0.50]
0.008[0.21]
GAUGE PLANE
DIMENSIONS IN INCHES[MM] MIN.
MAX.
JEDEC # MO-142
48-pin TSOP I (12 mm x 18.4 mm x 1.0 mm) (51-85183)
51-85183-*A
44-pin TSOP II (51-85087)
51-85087-*A


Similar Part No. - CY62157DV30L-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30L-55BVXI CYPRESS-CY62157DV30L-55BVXI Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30L-55BVXI CYPRESS-CY62157DV30L-55BVXI Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
More results

Similar Description - CY62157DV30L-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com