Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157EV18 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62157EV18
Description  8-Mbit (512K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157EV18 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62157EV18_09 Datasheet HTML 1Page - Cypress Semiconductor CY62157EV18_09 Datasheet HTML 2Page - Cypress Semiconductor CY62157EV18_09 Datasheet HTML 3Page - Cypress Semiconductor CY62157EV18_09 Datasheet HTML 4Page - Cypress Semiconductor CY62157EV18_09 Datasheet HTML 5Page - Cypress Semiconductor CY62157EV18_09 Datasheet HTML 6Page - Cypress Semiconductor CY62157EV18_09 Datasheet HTML 7Page - Cypress Semiconductor CY62157EV18_09 Datasheet HTML 8Page - Cypress Semiconductor CY62157EV18_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY62157EV18 MoBL®
Document #: 38-05490 Rev. *D
Page 3 of 12
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................ –65°C to + 150°C
Ambient Temperature with
Power Applied ........................................... –55°C to + 125°C
Supply Voltage to Ground
Potential...............................–0.2V to 2.45V (VCCmax + 0.2V)
DC Voltage Applied to Outputs
in High-Z State [4, 5]..............–0.2V to 2.45V (VCCmax + 0.2V)
DC Input Voltage [4, 5] ......... –0.2V to 2.45V (VCCmax + 0.2V)
Output Current into Outputs (LOW) ............................ 20 mA
Static Discharge Voltage ......................................... > 2001V
(in accordance with MIL-STD-883, Method 3015)
Latch-up Current ................................................... > 200 mA
Operating Range
Device
Range
Ambient
Temperature
VCC [6]
CY62157EV18LL Industrial –40°C to +85°C 1.65V to 2.25V
Electrical Characteristics (Over the Operating Range)
Parameter
Description
Test Conditions
55 ns
Unit
Min
Typ [2]
Max
VOH
Output HIGH Voltage
IOH = –0.1 mA
VCC = 1.65V
1.4
V
VOL
Output LOW Voltage
IOL = 0.1 mA
VCC = 1.65V
0.2
V
VIH
Input HIGH Voltage
VCC = 1.65V to 2.25V
1.4
VCC + 0.2V
V
VIL
Input LOW Voltage
VCC = 1.65V to 2.25V
–0.2
0.4
V
IIX
Input Leakage
Current
GND < VI < VCC
–1
+1
µA
IOZ
Output Leakage
Current
GND < VO < VCC, Output Disabled
–1
+1
µA
ICC
VCC Operating Supply
Current
f = fmax = 1/tRC
VCC = VCC(max)
IOUT = 0 mA
CMOS levels
18
25
mA
f = 1 MHz
1.8
3
mA
ISB1
Automatic CEPower Down
Current–CMOS Inputs
CE1 > VCC−0.2V or CE2 < 0.2V
VIN > VCC – 0.2V, VIN < 0.2V)
f = fmax (Address and Data Only),
f = 0 (OE, WE, BHE and BLE), VCC = VCC(max).
28
µA
ISB2 [7]
Automatic CE Power Down
Current–CMOS Inputs
CE1 > VCC – 0.2V or CE2 < 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, VCC = VCC(max).
28
µA
Capacitance [8]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Notes
4. VIL(min) = –2.0V for pulse durations less than 20 ns.
5. VIH(max) = VCC + 0.5V for pulse durations less than 20 ns.
6. Full Device AC operation assumes a 100
µs ramp time from 0 to VCC (min) and 200 µs wait time after VCC stabilization.
7. Only chip enable (CE) and byte enables (BHE and BLE) need to be tied to CMOS levels to meet the ISB2 spec. Other inputs can be left floating.
8. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY62157EV18_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV18LL-55BVXI CYPRESS-CY62157EV18LL-55BVXI Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18LL-55BVXI CYPRESS-CY62157EV18LL-55BVXI Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62157EV18_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL Datasheet
314Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30 Datasheet
625Kb / 14P
   8-Mbit (512K x 16) Static RAM
CY62157E CYPRESS-CY62157E_09 Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL_09 Datasheet
327Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com