Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E104N-BA25XI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14E104N-BA25XI
Description  4 Mbit (512K x 8/256K x 16) nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E104N-BA25XI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14E104N-BA25XI Datasheet HTML 4Page - Cypress Semiconductor CY14E104N-BA25XI Datasheet HTML 5Page - Cypress Semiconductor CY14E104N-BA25XI Datasheet HTML 6Page - Cypress Semiconductor CY14E104N-BA25XI Datasheet HTML 7Page - Cypress Semiconductor CY14E104N-BA25XI Datasheet HTML 8Page - Cypress Semiconductor CY14E104N-BA25XI Datasheet HTML 9Page - Cypress Semiconductor CY14E104N-BA25XI Datasheet HTML 10Page - Cypress Semiconductor CY14E104N-BA25XI Datasheet HTML 11Page - Cypress Semiconductor CY14E104N-BA25XI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PRELIMINARY
CY14E104L/CY14E104N
Document Number: 001-09603 Rev. *H
Page 8 of 22
AC Test Conditions
Input Pulse Levels ....................................................0V to 3V
Input Rise and Fall Times (10% - 90%) ........................ <5 ns
Input and Output Timing Reference Levels .................... 1.5V
Capacitance
In the following table, the capacitance parameters are listed.[10]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 0 to 3.0V
7pF
COUT
Output Capacitance
7
pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed.[10]
Parameter
Description
Test Conditions
48-FBGA 44-TSOP II 54-TSOP II Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance, in
accordance with EIA/JESD51.
28.82
31.11
30.73
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
7.84
5.56
6.08
°C/W
Figure 5. AC Test Loads
5.0V
OUTPUT
5 pF
R1
R2
512
Ω
5.0V
OUTPUT
30 pF
R1
R2
512
Ω
for tri-state specs
963
Ω
963
Ω
AC Switching Characteristics
Parameters
Description
15 ns
20 ns
25 ns
45 ns
Unit
Cypress
Parameters
Alt
Parameters
Min
Max
Min
Max
Min
Max
Min
Max
SRAM Read Cycle
tACE
tACS
Chip Enable Access Time
15
20
25
45
ns
tRC
[11]
tRC
Read Cycle Time
15
20
25
45
ns
tAA
[12]
tAA
Address Access Time
15
20
25
45
ns
tDOE
tOE
Output Enable to Data Valid
10
10
12
20
ns
tOHA
tOH
Output Hold After Address Change
3333
ns
tLZCE
[13]
tLZ
Chip Enable to Output Active
3333
ns
tHZCE
[13]
tHZ
Chip Disable to Output Inactive
7
8
10
15
ns
Notes
10. These parameters are guaranteed but not tested.
11. WE must be HIGH during SRAM read cycles.
12. Device is continuously selected with CE and OE both LOW.
13. Measured ±200 mV from steady state output voltage.
[+] Feedback


Similar Part No. - CY14E104N-BA25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS15XCT CYPRESS-CY14E104K-ZS15XCT Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS15XI CYPRESS-CY14E104K-ZS15XI Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS15XIT CYPRESS-CY14E104K-ZS15XIT Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS20XCT CYPRESS-CY14E104K-ZS20XCT Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
More results

Similar Description - CY14E104N-BA25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com