Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E102L-ZSP45XIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14E102L-ZSP45XIT
Description  2-Mbit (256K x 8/128K x 16) nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E102L-ZSP45XIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14E102L-ZSP45XIT Datasheet HTML 3Page - Cypress Semiconductor CY14E102L-ZSP45XIT Datasheet HTML 4Page - Cypress Semiconductor CY14E102L-ZSP45XIT Datasheet HTML 5Page - Cypress Semiconductor CY14E102L-ZSP45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14E102L-ZSP45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14E102L-ZSP45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14E102L-ZSP45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14E102L-ZSP45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14E102L-ZSP45XIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ADVANCE
CY14E102L, CY14E102N
Document Number: 001-45755 Rev. *A
Page 7 of 21
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55
°C to +150°C
Supply Voltage on VCC Relative to GND ..........–0.5V to 7.0V
Voltage Applied to Outputs
in High-Z State....................................... –0.5V to VCC + 0.5V
Input Voltage.............................................–0.5V to Vcc+0.5V
Transient Voltage (<20 ns) on
Any Pin to Ground Potential .................. –2.0V to VCC + 2.0V
Package Power Dissipation
Capability (TA = 25°C) ................................................... 1.0W
Surface Mount Pb Soldering
Temperature (3 Seconds) .......................................... +260
°C
Output Short Circuit Current [8].................................... 15 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
4.5V to 5.5V
Industrial
–40
°C to +85°C
4.5V to 5.5V
DC Electrical Characteristics
Over the Operating Range (VCC = 4.5V to 5.5V)
[10]
Parameter
Description
Test Conditions
Min
Max
Unit
ICC1
Average VCC Current
tRC = 15 ns
tRC = 20 ns
tRC = 25 ns
tRC = 45 ns
Dependent on output loading and cycle
rate.Values obtained without output loads.
IOUT = 0 mA
Commercial
70
65
65
50
mA
mA
mA
Industrial
75
70
70
52
mA
mA
mA
ICC2
Average VCC Current
during STORE
All Inputs Don’t Care, VCC = Max
Average current for duration tSTORE
6mA
ICC3
[9]
Average VCC Current at
tRC= 200 ns, 5V, 25°C
typical
WE > (VCC – 0.2). All other I/P cycling.
Dependent on output loading and cycle rate. Values obtained
without output loads.
35
mA
ICC4
Average VCAP Current
during AutoStore Cycle
All Inputs Don’t Care, VCC = Max
Average current for duration tSTORE
6mA
ISB
VCC Standby Current
CE > (VCC – 0.2). All others VIN < 0.2V or > (VCC – 0.2V).
Standby current level after nonvolatile cycle is complete.
Inputs are static. f = 0 MHz.
3mA
IIX
Input Leakage Current
(except HSB)
VCC = Max, VSS < VIN < VCC
–1
+1
μA
Input Leakage Current
(For HSB)
VCC = Max, VSS < VIN < VCC
–100
+1
μA
IOZ
Off-State Output
Leakage Current
VCC = Max, VSS < VIN < VCC, CE or OE > VIH
–1
+1
μA
VIH
Input HIGH Voltage
2.0
VCC + 0.5
V
VIL
Input LOW Voltage
Vss – 0.5
0.8
V
VOH
Output HIGH Voltage
IOUT = –2 mA
2.4
V
VOL
Output LOW Voltage
IOUT = 4 mA
0.4
V
VCAP
Storage Capacitor
Between VCAP pin and VSS, 5V Rated
61
82
μF
Notes
8. Outputs shorted for no more than one second. No more than one output shorted at a time.
9. Typical conditions for the active current shown on the front page of the data sheet are average values at 25°C (room temperature), and VCC = 5V. Not 100% tested.
10. The HSB pin has IOUT=-10 uA for VOH of 2.4V.This parameter is characterized but not tested.
[+] Feedback


Similar Part No. - CY14E102L-ZSP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101I CYPRESS-CY14E101I Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14E102L-ZSP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com