Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62146DV30L-70BVXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62146DV30L-70BVXI
Description  4-Mbit (256K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62146DV30L-70BVXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62146DV30L-70BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62146DV30L-70BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62146DV30L-70BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62146DV30L-70BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62146DV30L-70BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62146DV30L-70BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62146DV30L-70BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62146DV30L-70BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62146DV30L-70BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY62146DV30
Document #: 38-05339 Rev. *A
Page 5 of 11
Switching Characteristics Over the Operating Range [12]
Parameter
Description
45 ns[10]
55 ns
70 ns
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
45
55
70
ns
tAA
Address to Data Valid
45
55
70
ns
tOHA
Data Hold from Address Change
10
10
10
ns
tACE
CE LOW to Data Valid
45
55
70
ns
tDOE
OE LOW to Data Valid
25
25
35
ns
tLZOE
OE LOW to LOW Z[13]
55
5
ns
tHZOE
OE HIGH to High Z[13, 14]
15
20
25
ns
tLZCE
CE LOW to Low Z[13]
10
10
10
ns
tHZCE
CE HIGH to High Z[13, 14]
20
20
25
ns
tPU
CE LOW to Power-Up
0
0
0
ns
tPD
CE HIGH to Power-Down
45
55
70
ns
tDBE
BLE/BHE LOW to Data Valid
25
25
35
ns
tLZBE
BLE/BHE LOW to Low Z[13]
10
10
10
ns
tHZBE
BLE/BHE HIGH to HIGH Z[13, 14]
15
20
25
ns
Write Cycle[15]
tWC
Write Cycle Time
45
55
70
ns
tSCE
CE LOW to Write End
40
40
60
ns
tAW
Address Set-up to Write End
40
40
60
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Set-up to Write Start
0
0
0
ns
tPWE
WE Pulse Width
35
40
45
ns
tBW
BLE/BHE LOW to Write End
40
40
60
ns
tSD
Data Set-up to Write End
25
25
30
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE
WE LOW to High-Z[13, 14]
15
20
25
ns
tLZWE
WE HIGH to Low-Z[13]
10
10
10
ns
Notes:
12. Test conditions for all parameters other than three-state parameters assume signal transition time of 3 ns (1V/ns) or less, timing reference levels of VCC(typ)/2,
input pulse levels of 0 to VCC(typ.), and output loading of the specified IOL/IOH as shown in the “AC Test Loads and Waveforms” section.
13. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any
given device.
14. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high-impedence state.
15. The internal Write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE = VIL. All signals must be ACTIVE to initiate a write and any
of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates
the write.


Similar Part No. - CY62146DV30L-70BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146DV30L-70BVXI CYPRESS-CY62146DV30L-70BVXI Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY62146DV30L-70BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_08 Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
527Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30_06 Datasheet
369Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com