Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148ESL Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62148ESL
Description  4-Mbit (512K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148ESL Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62148ESL Datasheet HTML 1Page - Cypress Semiconductor CY62148ESL Datasheet HTML 2Page - Cypress Semiconductor CY62148ESL Datasheet HTML 3Page - Cypress Semiconductor CY62148ESL Datasheet HTML 4Page - Cypress Semiconductor CY62148ESL Datasheet HTML 5Page - Cypress Semiconductor CY62148ESL Datasheet HTML 6Page - Cypress Semiconductor CY62148ESL Datasheet HTML 7Page - Cypress Semiconductor CY62148ESL Datasheet HTML 8Page - Cypress Semiconductor CY62148ESL Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY62148ESL MoBL®
Document #: 001-50045 Rev. **
Page 2 of 10
Pin Configuration
Figure 1. 32-Pin STSOP (Top View)
Product Portfolio
Product
Range
VCC Range (V)
[1]
Speed
(ns)
Power Dissipation
Operating ICC, (mA)
Standby, ISB2
(
μA)
f = 1 MHz
f = fmax
Typ [2]
Max
Typ [2]
Max
Typ [2]
Max
CY62148ESL
Industrial
2.2V to 3.6V and 4.5V to 5.5V
55
2
2.5
15
20
1
7
25
26
27
28
29
30
31
32
1
2
3
4
5
6
7
8
A11
A9
A8
A13
A17
A15
A18
A16
A14
A12
A7
A6
A5
A4
WE
VCC
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
A0
A1
A2
A3
A10
OE
CE1
IO0
IO1
IO2
IO3
IO4
IO5
IO6
IO7
GND
STSOP
Top View
(not to scale)
Notes
1. Data sheet specifications are not guaranteed for VCC in the range of 3.6V to 4.5V.
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25°C.
[+] Feedback


Similar Part No. - CY62148ESL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148ESL CYPRESS-CY62148ESL Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148ESL-55ZAXA CYPRESS-CY62148ESL-55ZAXA Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL-55ZAXA CYPRESS-CY62148ESL-55ZAXA Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148ESL-55ZAXI CYPRESS-CY62148ESL-55ZAXI Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
More results

Similar Description - CY62148ESL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com