Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148BNLL-70SXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62148BNLL-70SXC
Description  4-Mbit (512K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148BNLL-70SXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62148BNLL-70SXC Datasheet HTML 1Page - Cypress Semiconductor CY62148BNLL-70SXC Datasheet HTML 2Page - Cypress Semiconductor CY62148BNLL-70SXC Datasheet HTML 3Page - Cypress Semiconductor CY62148BNLL-70SXC Datasheet HTML 4Page - Cypress Semiconductor CY62148BNLL-70SXC Datasheet HTML 5Page - Cypress Semiconductor CY62148BNLL-70SXC Datasheet HTML 6Page - Cypress Semiconductor CY62148BNLL-70SXC Datasheet HTML 7Page - Cypress Semiconductor CY62148BNLL-70SXC Datasheet HTML 8Page - Cypress Semiconductor CY62148BNLL-70SXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY62148BN MoBL®
Document #: 001-06517 Rev. *A
Page 3 of 10
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage on VCC to Relative GND........ –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[2] .....................................–0.5V to VCC +0.5V
DC Input Voltage[2]..................................–0.5V to VCC +0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage...............................................2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature[3]
VCC
Commercial
0°C to +70°C
4.5V–5.5V
Industrial
–40°C to +85°C
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY62148BN-70
Unit
Min.
Typ.[1]
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = – 1 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC+0.3
V
VIL
Input LOW Voltage
–0.3
0.8
V
IIX
Input Leakage Current
GND
≤ V
I ≤ VCC
–1
+1
µA
IOZ
Output Leakage Current
GND
≤ V
I ≤ VCC, Output Disabled
–1
+1
µA
ICC
VCC Operating
Supply Current
f = fMAX = 1/tRC
Com’l/Ind’l
IOUT =0 mA
VCC = Max.,
12.5
20
mA
f = 1 MHz
2.5
mA
ISB1
Automatic CE
Power-Down Current
—TTL Inputs
Max. VCC,CE ≤ VIH
VIN ≤ VIH or VIN ≤ VIL,
f = fMAX
Com’l/
Ind’l
1.5
mA
ISB2
Automatic CE
Power-Down Current
—CMOS Inputs
Max. VCC,
CE
≤ V
CC – 0.3V,
VIN ≤ VCC – 0.3V,
or VIN ≤ 0.3V, f =0
Com’l/
Ind’l
4
20
µA
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
6
pF
COUT
Output Capacitance
8
pF
AC Test Loads and Waveforms
Notes:
2. VIL (min.) = –2.0V for pulse durations of less than 20 ns.
3. TA is the “Instant On” case temperature
4. Tested initially and after any design or process changes that may affect these parameters.
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(b)
R2
990
(a)
90%
10%
3.0V
GND
90%
10%
≤ 3 ns
≤ 3ns
OUTPUT
639
Equivalent to:
THEVENIN EQUIVALENT
1.77V
R1 1800
ALL INPUT PULSES
5V
OUTPUT
INCLUDING
JIG AND
SCOPE
R2
990
R1 1800
100 pF
[+] Feedback


Similar Part No. - CY62148BNLL-70SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148BNLL-70SXI CYPRESS-CY62148BNLL-70SXI Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148BNLL-70SXI CYPRESS-CY62148BNLL-70SXI Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results

Similar Description - CY62148BNLL-70SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com