Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E104M-ZSP45XCT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14E104M-ZSP45XCT
Description  4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E104M-ZSP45XCT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14E104M-ZSP45XCT Datasheet HTML 7Page - Cypress Semiconductor CY14E104M-ZSP45XCT Datasheet HTML 8Page - Cypress Semiconductor CY14E104M-ZSP45XCT Datasheet HTML 9Page - Cypress Semiconductor CY14E104M-ZSP45XCT Datasheet HTML 10Page - Cypress Semiconductor CY14E104M-ZSP45XCT Datasheet HTML 11Page - Cypress Semiconductor CY14E104M-ZSP45XCT Datasheet HTML 12Page - Cypress Semiconductor CY14E104M-ZSP45XCT Datasheet HTML 13Page - Cypress Semiconductor CY14E104M-ZSP45XCT Datasheet HTML 14Page - Cypress Semiconductor CY14E104M-ZSP45XCT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PRELIMINARY
CY14E104K/CY14E104M
Document #: 001-09604 Rev. *H
Page 11 of 28
Table 4. Register Map Detail
0x1FFFF
Time Keeping - Years
D7
D6
D5
D4
D3
D2
D1
D0
10s Years
Years
Contains the lower two BCD digits of the year. Lower nibble contains the value for years; upper nibble contains the value
for 10s of years. Each nibble operates from 0 to 9. The range for the register is 0–99.
0x1FFFE
Time Keeping - Months
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
10s Month
Months
Contains the BCD digits of the month. Lower nibble contains the lower digit and operates from 0 to 9; upper nibble (one
bit) contains the upper digit and operates from 0 to 1. The range for the register is 1–12.
0x1FFFD
Time Keeping - Date
D7
D6
D5
D4
D3
D2
D1
D0
0
0
10s Day of Month
Day of Month
Contains the BCD digits for the date of the month. Lower nibble contains the lower digit and operates from 0 to 9; upper
nibble contains the upper digit and operates from 0 to 3. The range for the register is 1–31. Leap years are automatically
adjusted for.
0x1FFFC
Time Keeping - Day
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
Day of Week
Lower nibble contains a value that correlates to day of the week. Day of the week is a ring counter that counts from 1
to 7 then returns to 1. The user must assign meaning to the day value, because the day is not integrated with the date.
0x1FFFB
Time Keeping - Hours
D7
D6
D5
D4
D3
D2
D1
D0
12/24
0
10s Hours
Hours
Contains the BCD value of hours in 24 hour format. Lower nibble contains the lower digit and operates from 0 to 9; upper
nibble (two bits) contains the upper digit and operates from 0 to 2. The range for the register is 0–23.
0x1FFFA
Time Keeping - Minutes
D7
D6
D5
D4
D3
D2
D1
D0
0
10s Minutes
Minutes
Contains the BCD value of minutes. Lower nibble contains the lower digit and operates from 0 to 9; upper nibble contains
the upper minutes digit and operates from 0 to 5. The range for the register is 0–59.
0x1FFF9
Time Keeping - Seconds
D7
D6
D5
D4
D3
D2
D1
D0
0
10s Seconds
Seconds
Contains the BCD value of seconds. Lower nibble contains the lower digit and operates from 0 to 9; upper nibble contains
the upper digit and operates from 0 to 5. The range for the register is 0–59.
0X1FFF8
Calibration/Control
D7
D6
D5
D4
D3
D2
D1
D0
OSCEN
0
Calibration
Sign
Calibration
OSCEN
Oscillator Enable. When set to 1, the oscillator is stopped. When set to 0, the oscillator runs. Disabling the oscillator
saves battery or capacitor power during storage. On a no-battery power up, this bit is set to 0.
Calibration
Sign
Determines if the calibration adjustment is applied as an addition to or as a subtraction from the time-base.
Calibration These five bits control the calibration of the clock.
[+] Feedback


Similar Part No. - CY14E104M-ZSP45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XCT CYPRESS-CY14E104L-BA15XCT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XI CYPRESS-CY14E104L-BA15XI Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XIT CYPRESS-CY14E104L-BA15XIT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA20XCT CYPRESS-CY14E104L-BA20XCT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14E104M-ZSP45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com