Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E104K-ZSP45XI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14E104K-ZSP45XI
Description  4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E104K-ZSP45XI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14E104K-ZSP45XI Datasheet HTML 5Page - Cypress Semiconductor CY14E104K-ZSP45XI Datasheet HTML 6Page - Cypress Semiconductor CY14E104K-ZSP45XI Datasheet HTML 7Page - Cypress Semiconductor CY14E104K-ZSP45XI Datasheet HTML 8Page - Cypress Semiconductor CY14E104K-ZSP45XI Datasheet HTML 9Page - Cypress Semiconductor CY14E104K-ZSP45XI Datasheet HTML 10Page - Cypress Semiconductor CY14E104K-ZSP45XI Datasheet HTML 11Page - Cypress Semiconductor CY14E104K-ZSP45XI Datasheet HTML 12Page - Cypress Semiconductor CY14E104K-ZSP45XI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PRELIMINARY
CY14E104K/CY14E104M
Document #: 001-09604 Rev. *H
Page 9 of 28
Figure 4. RTC Recommended Component Configuration
.
Recommended Values
Y1 = 32.768KHz
RF = 10M Ohm
C1 = 0
C2 = 56 pF
Figure 5. Interrupt Block Diagram
WDF - Watchdog Timer Flag
WIE - Watchdog Interrupt Enable
PFE - Power Fail Enable
AF - Alarm Flag
AIE - Alarm Interrupt Enable
P/L - Pulse Level
H/L - HIGH/LOW
PF - Power fail Flag
Legend
[+] Feedback


Similar Part No. - CY14E104K-ZSP45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XCT CYPRESS-CY14E104L-BA15XCT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XI CYPRESS-CY14E104L-BA15XI Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XIT CYPRESS-CY14E104L-BA15XIT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA20XCT CYPRESS-CY14E104L-BA20XCT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14E104K-ZSP45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com