Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E104K-ZSP45XIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14E104K-ZSP45XIT
Description  4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E104K-ZSP45XIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14E104K-ZSP45XIT Datasheet HTML 1Page - Cypress Semiconductor CY14E104K-ZSP45XIT Datasheet HTML 2Page - Cypress Semiconductor CY14E104K-ZSP45XIT Datasheet HTML 3Page - Cypress Semiconductor CY14E104K-ZSP45XIT Datasheet HTML 4Page - Cypress Semiconductor CY14E104K-ZSP45XIT Datasheet HTML 5Page - Cypress Semiconductor CY14E104K-ZSP45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14E104K-ZSP45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14E104K-ZSP45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14E104K-ZSP45XIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PRELIMINARY
CY14E104K/CY14E104M
4 Mbit (512K x 8 / 256K x 16) nvSRAM with
Real-Time-Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-09604 Rev. *H
Revised June 20, 2008
Features
15 ns, 20 ns, 25 ns, and 45 ns access times
Internally organized as 512K x 8 (CY14E104K) or 256K x 16
(CY14E104M)
Hands off automatic STORE on power down with only a small
capacitor
STORE to QuantumTrap
® nonvolatile elements is initiated by
software, device pin, or AutoStore® on power down
RECALL to SRAM initiated by software or power up
High reliability
Infinite read, write, and recall cycles
200,000 STORE cycles to QuantumTrap
20 year data retention
Single 5V +10% operation
Data integrity of Cypress nvSRAM combined with full featured
Real-Time-Clock
Watchdog timer
Clock alarm with programmable interrupts
Capacitor or battery backup for RTC
Commercial and industrial temperatures
44/54-pin TSOP II package
Pb-free and RoHS compliance
Functional Description
The Cypress CY14E104K/CY14E104M combines a 4 Mbit
nonvolatile static RAM with a full featured real-time-clock in a
monolithic
integrated
circuit.
The
embedded
nonvolatile
elements incorporate QuantumTrap technology producing the
world’s most reliable nonvolatile memory. The SRAM is read and
written an infinite number of times, while independent nonvolatile
data resides in the nonvolatile elements.
The real-time-clock function provides an accurate clock with leap
year tracking and a programmable, high accuracy oscillator. The
alarm function is programmable for one time alarms or periodic
seconds, minutes, hours, or days. There is also a programmable
watchdog timer for process control.
A0 - A18
Address
WE
OE
CE
VCC
VSS
VCAP
DQ0 - DQ7
HSB
CY14E104K
VRTCcap VRTCbat
INT
X1
X2
BHE
BLE
Logic Block Diagram
[1]
[1]
CY14E104M
Note
1. Address A0 - A18 and DQ0 - DQ7 for x8 configuration, Address A0 - A17 and Data DQ0 - DQ15 for x16 configuration.
[+] Feedback


Similar Part No. - CY14E104K-ZSP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XCT CYPRESS-CY14E104L-BA15XCT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XI CYPRESS-CY14E104L-BA15XI Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XIT CYPRESS-CY14E104L-BA15XIT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA20XCT CYPRESS-CY14E104L-BA20XCT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14E104K-ZSP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com